Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAEVALEDIP128B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128B
Description  OPERATING UNIT 128x64 with touch panel
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP128B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
EAeDIP128-6
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
I²C - Address
Pin 11,7,6
Base
address
I²C address
BA2 BA1 BA0
D7
D6
D5
D4
D3
D2
D1
D0
L
L
L
$10
0
0
0
1
S
A
2
S
A
1
S
A
0
R
W
L
L
H
$20
0
0
1
0
L
H
L
$30
0
01
1
L
H
H
$40
0
10
0
H
L
L
$70
0
1
1
1
H
L
H
$90
1
0
0
1
H
H
L
$B0
1
0
1
1
H
H
H
$D0
1
1
0
1
Pinout eDIP128-6: I2C mode
Pin Symbol In/Out Function
Pin
Symbol
In/Out Function
1
GND
Ground Potential for logic (0V)
17
DPROT
In
L: Disable Smallprotokoll
do not connect for normal operation
2
VDD
Power supply for logic (+5V)
18
PWR
Out
L: Normal Operation
H: Powerdownmode
3
NC
do not connect
19
NC
do not connect
4
NC
do not connect
20
TEST
SBUF
In
Out
open-drain with internal pullup 20k..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
5
RESET
In
L: Reset
21
GND
Ground (0V)
6
BA0
In
Basic Address 0
22
VDD
Power supply (+3,3..5V)
7
BA1
In
Basic Address 1
23
NC
do not connect
8
SA0
In
Slave Address 0
24
NC
do not connect
9
SA1
In
Slave Address 1
25
IN8/OUT1
8 digital inputs
(internal 20k..50k pullup)
alternativ up to 8 digital outputs
maximum current:
IOL = IOH = 10mA
10
SA2
In
Slave Address 2
26
IN7/OUT2
11
BA2
In
Basic Address 2
27
IN6/OUT3
12 I2CMOD
In
connect to GND for I²C interface
28
IN5/OUT4
13
WUP
In
L: (Power-On) disable Power-On-Macro
L: Wakeup from Powerdownmode
29
IN4/OUT5
14
SDA
Bidir. Serial Data Line
30
IN3/OUT6
15
SCL
In
Serial Clock Line
31
IN2/OUT7
16
BUZZ
Out
Buzzer output
32
IN1/OUT8
Application note
I²C-BUS INTERFACE
If the display is wired as shown
below, it can be operated directly
on an I²C bus.
8 different base addresses and 8
slave addresses can be selected
on the display.
Data transfer is possible at up to
100 kHz. However, if pauses of at
least 100 µs are maintained
between the individual bytes
during transfer, a byte can be
transferred at up to 400 kHz.
Note:
The pins DORD, CPOL, CPHA, DPOM, DPROT and TEST/SBUF have an internal pullup, which is why only the LO level
(0=GND) is to be actively applied. These pins must be left open for a hi level.
On pin 20 (SBUF) the display indicates with a low level that data is ready to be retrieved from the internal send buffer.
The line can be connected to an interrupt input of the host system, for example..
DATATRANSFER I²C INTERFACE
principle I2C-bus transfer:
- I²C-Start
- Master-Transmit: EA eDIP-I²C-address (e.g. $DE), send smallprotocol package (data)
- I²C-Stop
- I²C-Start
- Master-Read: EA eDIP-I²C-Address (e.g. $DF), read ACK-byte and opt. smallprotocoll package (data)
- I²C-Stop
Read operation: for internal operation the EA
eDIP does need a short time before providing
the data; therefore a short pause of min. 6µs is
needed for each byte (no activity of SCL line).
all pins open: Write $DE
Read $DF


Similar Part No. - EAEVALEDIP128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
1Mb / 29P
   OPERATING UNIT 160x104 with touch panel
More results

Similar Description - EAEVALEDIP128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIP160B-7LW ETC2-EAEDIP160B-7LW Datasheet
1Mb / 29P
   OPERATING UNIT 160x104 with touch panel
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
Newhaven Display Intern...
TSTFT3.5Z NEWHAVEN-TSTFT3.5Z Datasheet
472Kb / 2P
   Touch Panel
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
   TOUCH PANEL CONTROLLER
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
ShenZhen Jing Handa Ele...
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
   128X64 DOTS
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
   128X64 DOTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com