Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAFL-14P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EAFL-14P
Description  DOGS GRAPHIC SERIES 102x64 DOTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAFL-14P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EAFL-14P Datasheet HTML 1Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 2Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 3Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 4Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 5Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 6Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 7Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 8Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EADOGS102-6
Page 2
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
PINOUT
The EADOGS102, a 102x64-pixel graphics display, is a new addition to ELECTRONICASSEMBLY’s EA DOG
series. It, too, has pins that allow it to be mounted quickly and easily.
3 DIFFERENT TECHNOLOGIES
See below for an overview of available technologies, combinations with available backlights and their usability:
CONTRAST ADJUSTMENT
The contrast can be set by means of a command for all the displays in the EA DOG series. The contrast setting of the
display must be set once by the software, and is then kept constant throughout the entire operating temperature range
(-20..+70°C), thanks to the integrated temperature compensation.
Pin Symbol Level Function
Pin Symbol Level Function
1
NC
(A1+: LED backlight)
15
VLCD
-
Power LC Drive
2
NC
(C1-: LED backlight)
16
VB1-
-
Voltage Converter
3
17
VB0-
-
Voltage Converter
4
18
VB0+
-
Voltage Converter
5
19
VB1+
-
Voltage Converter
6
20
VSS
L
Power Supply 0V (GND)
7
21
VSS
L
Power Supply 0V (GND)
8
22
VDD2/3
H
Power Supply +2,5..3,3V
9
23
VDD1
H
Power Supply +2,5..3,3V
10
24
SDA
H / L
Data in (SPI: MOSI)
11
25
SCK
H / L
Clock (SPI: CLK)
12
26
CD
H / L
L= Command, H= Data
13
NC
(C2-: LED backlight)
27
RST
L
Reset (active low)
14
NC
(A2+: LED backlight)
28
CS0
L
Chip Select (active low)
display type
technology
optional
backlight
readability
display color
non
backlighted
display color
with
backlighted
recommende
backlight
color
FSTN pos.
transflective
it's fine with and without
backlight
readable even
without backlight
black on white
black on
backlight color
all
STN neg. blue
transmissive
usage only with
backlight
---
---
white backlight on
blue background
white
FSTN pos.
white
reflective
no backlight possible
finest readable
without backlight
black on white
---
---


Similar Part No. - EAFL-14P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAFL-16P ETC2-EAFL-16P Datasheet
819Kb / 9P
   DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
More results

Similar Description - EAFL-14P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com