Electronic Components Datasheet Search |
|
EAEDIP128B-6LWTP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
EAEDIP128B-6LWTP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 29 page EAeDIP128-6 Page 11 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. > <DC2> 3 D packet size for send buffer timeout bcc < <ACK> > <DC2> 1 R bcc < <ACK> < <DC1> <DC2> len data... bcc > <DC2> 3 A select or deselect adr bcc < <ACK> > <DC2> 1 P bcc < <ACK> < <DC2> 3 max. packet size akt. send packet size akt. timeout bcc > <DC2> 1 I bcc < <ACK> < <DC2> 2 send buffer bytes ready receive buffer bytes free bcc <DC2> = 18(dec.) = $12 3 = 3(dez.) = $03 D = 68(dez.) = $44 packet size for send buffer = 1..128 (standard: 128) timeout = 1..255 in 1/100 seconds (standard: 200 = 2 seconds) bcc = 1 byte = sum of all bytes incl. <DC2>, modulo 256 <ACK> = 6(dec.) = $06 Adressing (only for RS232/RS485) <DC2> = 18(dez.) = $12 3 = 3(dez.) = $03 A = 65(dez.) = $41 select or deselect: 'S' = $53 or 'D' = $44 adr = 0..255 bcc = 1 byte = sum of all bytes incl. <DC2> and adr, modulo 256 <ACK> = 6(dec.) = $06 <DC2> = 18(dez.) = $12 1 = 1(dez.) = $01 R = 82(dez.) = $52 <ACK> = 6(dez.) = $06 <DC1> = 17(dez.) = $11 len = count of user data in byte (without ckecksum, without <DC1> or <DC2>) bcc = 1 byte = sum of all bytes incl. <DC2> and len, modulo 256 If the most recently requested package contains an incorrect checksum, the entire package can be requested again. The reply can then be the contents of the send buffer (<DC1>) or the buffer/protocol information (<DC2>). This is how the maximum package size that can be sent by the display can be limited. The default setting is a package size with up to 128 bytes of user data. The timeout can be set in increments of 1/100 seconds. The timeout is activated when individual bytes get lost. The entire package then has to be sent again. This command can be used to select or deselect the eDIP with the address adr. Request for protocol settings <DC2> = 18(dez.) = $12 1 = 1(dez.) = $01 P = 80(dez.) = $50 <ACK> = 6(dez.) = $06 max. packet size = count of maximum user data for 1 package (eDIP128-6 = 255) akt. send packet size = current package size for send akt. timeout = current timeout in 1/100 seconds bcc = 1 byte = sum of all bytes incl. <DC2>, modulo 256 This command is used to query protocol settings. Request for buffer information <DC2> = 18(dez.) = $12 1 = 1(dez.) = $01 I = 73(dez.) = $49 <ACK> = 6(dez.) = $06 send buffer bytes ready = count of bytes stored in send buffer receive buffer bytes free = count of bytes for free receive buffer bcc = 1 byte = sum of all bytes incl. <DC2>, modulo 256 This command queries whether user data is ready to be picked up and how full the display's receive buffer is. Protocol settings Repeat the last package |
Similar Part No. - EAEDIP128B-6LWTP |
|
Similar Description - EAEDIP128B-6LWTP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |