Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EALED78X64-G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EALED78X64-G
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EALED78X64-G Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EADOG
XL160-7
Page 4
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
4 WIRE, 8-BIT SPI-MODE
Pin CS0 is used for chip select and
bus cycle reset. Pin CD is used to
determine the content of the data
been transferred. During each write
cycle, 8 bits of data, MSB first, are
latched on eight rising SCK edges
into an 8-bit data holder.
If CD=0, the data byte will be
decoded as command. If CD=1, this
8-bit will be treated as data and
transferred to proper address in the
Display Data RAM on the
rising edge of the last SCK
pulse.
Pin CD is examined when
SCK is pulled low for the
LSB (D0) of each token.The
toggle of CS0 for each byte
of
data/command
is
recommended but optional. The clock-pulse rate of the SCK line can be up to 8 MHz.
3 WIRE, 8-BIT SPI-MODE
The data format is identical to 4-wire,
8-bit SPI-mode. However in addition
to CS0 pin, CD pin transitions will
also reset the bus cycle in this mode.
If CS0 is hardwired to enable the
display, the bus can work properly
with only three signal pins.
The clock-pulse rate of the SCK line
can be up to 8 MHz.
Serial Modes
BM0
D6
Description
0
0
4-wire, 8-Bit SPI
0
1
3 wire, 8-Bit SPI
1
0
3-wire, 9-Bit SPI
1
1
2-wire, I2C
DATA TRANSFER
The EA DOGXL160-7 supports four serial modes. The data transfer is
unidirectional (exception I2C mode is bidrektional). That means that data
can only be written; it cannot be read back. Compared to other displays, a
busy query is not necessary. The clock-pulse rate of the SCL line can be
up to 12 MHz at 3.3V, depending on the supply voltage and interface mode.
You will find more detailed information on timing in chapter „AC
CHARACTERISTICS“ of the data sheet of the UC1610 controller, which you will find on our website
at http://www.lcd-module.de/eng/pdf/zubehoer/uc1610.pdf


Similar Part No. - EALED78X64-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED39X41-A ETC2-EALED39X41-A Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EALED39X41-GR ETC2-EALED39X41-GR Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
logo
Texas Instruments
EALED39X41-W TI1-EALED39X41-W Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
List of Unclassifed Man...
EALED39X41-W ETC2-EALED39X41-W Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EALED55X31-A ETC2-EALED55X31-A Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EALED78X64-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGS102X-6 ETC2-EADOGS102X-6 Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com