Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW603616S16HK Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # HW603616S16HK
Description  Stainless Steel Wallmount Enclosure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HW603616S16HK Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  HW603616S16HK Datasheet HTML 1Page - Hammond Manufacturing Ltd. HW603616S16HK Datasheet HTML 2Page - Hammond Manufacturing Ltd. HW603616S16HK Datasheet HTML 3Page - Hammond Manufacturing Ltd. HW603616S16HK Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Quality Products. Service Excellence.
© Hammond Manufacturing
Canada: 519.822.2960 or 905.456.3770
USA: 716.630.7030
Data Subject to change without notice
Technical references and CAD downloads available at www.hammondmfg.com
All dimensions in inches unless specified otherwise
hammondmfg.com
HWSSHK Series Enclosures
A great addition to the
already extensive line of
stainless steel products
offered by Hammond Mfg.
HW enclosures have an
easy open & close handle
system and a seamless
poured-in place gasket
ensuring a tight seal.
Available in a an industry
leading selection of sizes
in 304 and 316L stainless
steel.
304 S.S. Part No. 316 S.S. Part No.
H
W
D
Painted Panel
Galv. Panel
HW24206SSHK
HW24206S16HK
24 20
6
18P2117
18G2117
HW24246SSHK
HW24246S16HK
24 24
6
18P2121
18G2121
HW24168SSHK
HW24168S16HK
24 16
8
18P2113
18G2113
HW24208SSHK
HW24208S16HK
24 20
8
18P2117
18G2117
HW24248SSHK
HW24248S16HK
24 24
8
18P2121
18G2121
HW24308SSHK
HW24308S16HK
24 30
8
18P2721
18G2721
HW30208SSHK
HW30208S16HK
30 20
8
18P2717
18G2717
HW30248SSHK
HW30248S16HK
30 24
8
18P2721
18G2721
HW30308SSHK
HW30308S16HK
30 30
8
18P2727
18G2727
HW36248SSHK
HW36248S16HK
36 24
8
18P3321
18G3321
HW36308SSHK
HW36308S16HK
36 30
8
18P3327
18G3327
HW42368SSHK
HW42368S16HK
42 36
8
18P3933
18G3933
HW48368SSHK
HW48368S16HK
48 36
8
18P4533
18G4533
HW242010SSHK HW242010S16HK 24 20 10
18P2117
18G2117
HW302410SSHK HW302410S16HK 30 24 10
18P2721
18G2721
HW362410SSHK HW362410S16HK 36 24 10
18P3321
18G3321
HW363010SSHK HW363010S16HK 36 30 10
18P3327
18G3327
HW423010SSHK HW423010S16HK 42 30 10
18P3927
18G3927
HW483610SSHK HW483610S16HK 48 36 10
18P4533
18G4533
HW242412SSHK HW242412S16HK 24 24 12
18P2121
18G2121
HW302412SSHK HW302412S16HK 30 24 12
18P2721
18G2721
HW363012SSHK HW363012S16HK 36 30 12
18P3327
18G3327
HW363612SSHK HW363612S16HK 36 36 12
18P3333
18G3333
HW423612SSHK HW423612S16HK 42 36 12
18P3933
18G3933
HW483612SSHK HW483612S16HK 48 36 12
18P4533
18G4533
HW603612SSHK HW603612S16HK 60 36 12
18P5733
18G5733
HW302416SSHK HW302416S16HK 30 24 16
18P2721
18G2721
HW363016SSHK HW363016S16HK 36 30 16
18P3327
18G3327
HW483616SSHK HW483616S16HK 48 36 16
18P4533
18G4533
HW603616SSHK HW603616S16HK 60 36 16
18P5733
18G5733
HW Stainless Steel Enclosures - NEMA 4X
HWSSHK Series
Accessible window systems
Dripshields provide protec-
tion against debris or fluids
Certified standard & special
sized gland plates
Rainhoods allow for outdoor
3R ventilation.
HWSSHK Series Accessories
Formed lip surrounds entire
enclosure body
Nylon roller cam system
ensures seal with 3pt contact
Heavy duty piano hinge,
welded 10g mounting feet
Padlockable, brushed cast
316 stainless steel handle
HWSSHK Series Features
• Clamps must be slowly
screwed and unscrewed
individually.
• Our 3 pt handle fully
closes and seals door
with one motion.
scan here to see
tech specifications


Similar Part No. - HW603616S16HK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HW603616S16HK HAMMOND-HW603616S16HK Datasheet
22Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HW603616S16HK HAMMOND-HW603616S16HK Datasheet
173Kb / 3P
   Armoire murale en acier inoxydable de type 4X
More results

Similar Description - HW603616S16HK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
   Type 4X Stainless Steel Wallmount Enclosure 1418 N4
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
   Full stainless steel enclosure with type 316
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com