Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EADIP128J-6N5LW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EADIP128J-6N5LW
Description  LCD-GRAFIC MODULE 128x64 DOTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP128J-6N5LW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EADIP128J-6N5LW Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP128J-6N5LW Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP128J-6N5LW Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP128J-6N5LW Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP128J-6N5LW Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EADIP128-6
Page 2
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
PINOUT
CONTRAST
is already adjusted for 5V when shipped out. Once contrast is set to an optimum, internal temperature
compensation circuit provides best contrast allover the whole temperature range of -20..+70°C. An external
contrast adjustment is normally not necessary, but can be done via external potentiometer.
BACKLIGHT
Graphic displays EA DIP128-6 are featured with a low-power LED-backlight. Brightness
can be switched off and adjusted infinitely.
Driving the LED backlight requires a current source or an external series resistor for
current limiting. Forward voltage is between 2.2..2.6V (amber), 3.9..3.6V (white),
3.7..4.1V (green). Maximum supply current is 90mA@+25°C. Operating with 5V we
recommend a limiting resitor for amber of 12 Ohm, for the white one of 24 Ohm and for
the green one of 15 Ohm. Please take care of derating when used at t
a >+25°C.
Attention: Do never drive backlight direct to 5V; this may cause immediately defect !
Note: Blue-white version provide no contrast when backlight is switched off. Reading the display requires a
minimum of backlight with about 15mA.
BLACK&WHITE, BLUE, AMBER, GREEN
The blue-white display EA DIP128-6N5LW is best for indoor use with and without ambient light. Reading the
display requires a minimum of backlight with about 15mA.
Black and white version EA DIP128J-6N5LW and green version are especially designed for outdoor
applications. These displays do provide best contrast for all ambient illuminations, even with direct sunlight.
No need to say that display can be read in darkness when LED backlight is switched on.
This is same for the amber backlighted version EA DIP128J-6N5LA. The
greatest advantage here is the long life backlight.
APPLICATION EXAMPLES
Besides you can see some application examples.
Pin Symbol Function
Pin Symbol Function
1
VSS
Power Supply 0V (GND)
13
VNEG
neg. voltage output f. contrast
2
VDD
Power Supply +5V
14
NC
not connected
3
ADJ
Contrast adjustment
15
D0
Display Data, LSB
4
RES
L: Reset
16
D1
Display Data
5
D/I
H=Data; L=Command
17
D2
Display Data
6
R/W
H=Read, L=Write
18
D3
Display Data
7
E1
Enable left half of display
19
D4
Display Data
8
E2
Enable right half of display
20
D5
Display Data
9
CS1L
L: Chipselect left, low active
21
D6
Display Data
10
CS1H
H: Chipselect left, high active
22
D7
Display Data, MSB
11
CS2L
L: Chipselect right, low active
23
A
LED + (ext. series resistor !)
12
CS2H
H: Chipselect right, high active
24
C
LED -
Example 4: Enable and left/right
Example 2: Enable and CS hi-
Example 1: Enable and CS lo-
Example 3: 2x Enable, no CS
Amber Backlight


Similar Part No. - EADIP128J-6N5LW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADIP122-5HNLED ETC2-EADIP122-5HNLED Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP122B-5NLW ETC2-EADIP122B-5NLW Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP122J-5NLA ETC2-EADIP122J-5NLA Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
More results

Similar Description - EADIP128J-6N5LW

ManufacturerPart #DatasheetDescription
logo
ShenZhen Jing Handa Ele...
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
   128X64 DOTS
JHD622-12864E JHD-JHD622-12864E Datasheet
245Kb / 1P
   128X64 DOTS
JHD554-12864J JHD-JHD554-12864J Datasheet
263Kb / 1P
   128X64 DOTS
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
   128X64 DOTS
JHD521-12864AB JHD-JHD521-12864AB Datasheet
251Kb / 1P
   128X64 DOTS
JHD12864G JHD-JHD12864G Datasheet
264Kb / 1P
   128X64 DOTS
JHD718-12864H JHD-JHD718-12864H Datasheet
251Kb / 1P
   128X64 DOTS
JHD613-12864 JHD-JHD613-12864 Datasheet
245Kb / 1P
   128X64 DOTS
logo
LUMEX INC.
LCR-U12864GSF-WH LUMEX-LCR-U12864GSF-WH Datasheet
235Kb / 2P
   128x64 GRAPHIC LCD MODULE
logo
List of Unclassifed Man...
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com