Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW24248S16HK Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # HW24248S16HK
Description  Stainless Steel Wallmount Enclosure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HW24248S16HK Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  HW24248S16HK Datasheet HTML 1Page - Hammond Manufacturing Ltd. HW24248S16HK Datasheet HTML 2Page - Hammond Manufacturing Ltd. HW24248S16HK Datasheet HTML 3Page - Hammond Manufacturing Ltd. HW24248S16HK Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Quality Products. Service Excellence.
© Hammond Manufacturing
Canada: 519.822.2960 or 905.456.3770
USA: 716.630.7030
Data Subject to change without notice
Technical references and CAD downloads available at www.hammondmfg.com
All dimensions in inches unless specified otherwise
hammondmfg.com
Part No.
Description
DK12S16
12” Drip Shield Kit
DK16S16
16” Drip Shield Kit
DK20S16
20” Drip Shield Kit
DK24S16
24” Drip Shield Kit
DK30S16
30” Drip Shield Kit
DK36S16
36” Drip Shield Kit
Part No.
Description (HxD)
1481FC8KSS
Pair - 12 x 8
1481FC10KSS
Pair - 12 x 10
1481FC12KSS
Pair - 12 x 12
1481FC16KSS
Pair - 12 x 16
1481FK10KSS
Pair - 24 x 10
1481FK12KSS
Pair - 24 x 12
HW Stainless Steel Accessories
HWSSHK Series
Floor Stand Kit
Part No.
H
W
D
RH20000SS
Hood
10.4
7.8
2.2
RH40000SS
Hood
14.6
11.7
3.4
RH60000SS
Hood
15.9
14.7
4.3
1481L3R55SS
Louver
5.6
5.3
-
1481L3R56SS
Louver
5.3
6.3
-
1481L3R66SS
Louver
6.4
6.3
-
3R Rain Hood | 3R Louver Kit
Drip Shield Kit
Front
Back
Part No.
Description
MHK1SS
6” Padlocking
MHKD1SS
6” Padlocking Defeater
MHKL1SS
6” Keyed Padlocking
316 SS Handle
Part No.
H
W
GP1507S16
15
7.5
GP2207S16
22
7.5
316 SS Gland Plate
Part No.
Description
GRDT375
Brass ground 3/8-16 thread
1421N4AA50
8-32 x 1/2” Hardware Kit
1421N4AB50
8-32 x 1” Hardware Kit
1421N4BA50
10-32 x 1/2” Hardware Kit
1421N4BB50
10-32 x 1” Hardware Kit
1421N4CA50
1/4-20 x 5/8” Hardware Kit
1421N4CB50
1/4-20 x 1” Hardware Kit
Grounding & Hardware Kit
Part No.
Description
FLHTF125A115
125W @ 120V
FLHTF200A115
200W @ 120V
FLHTF400A115
400W @ 120V
FLHTF800A115
800W @ 120V
Fan Heater with Thermostat
Part No.
H
W
1481WN4SS0503
5.6
7.6
1481WN4SS0905
8.1
11.6
1481WN4SS1308
10.6
15.6
1481WN4SS1711
13.6
17
1481WN4SS2315
17.6
25.6
1481WN4SS2919
21.6
31.6
Part No.
H
W
D
1481WSSDH1418
14.6
12.2
2.7
1481WSSDH1612
8.1
14.2
2.7
1481WSSDH2016
12.1
18.2
2.7
1481WSSDH2416
12.1
22.2
2.7
1481WSSDH2420
16.1
22.2
2.7
1481WSSDH2430
26.1
22.2
2.7
1481WSSDH3024
20.1
28.2
2.7
1481WSSDH3624
20.1
34.2
2.7
Fixed Window Kit
Deep Hinged Window Kit
Part No.
Description
SDV180-1
Ventilator ø 1.12”
SDV280-1
Ventilator ø 0.75”
BDN4XN1
Breather Drain ø 0.76”
Ventilation
280
180
BDN
Deep Hinged


Similar Part No. - HW24248S16HK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HW24248S16HK HAMMOND-HW24248S16HK Datasheet
24Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HW24248S16HK HAMMOND-HW24248S16HK Datasheet
173Kb / 3P
   Armoire murale en acier inoxydable de type 4X
More results

Similar Description - HW24248S16HK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
   Type 4X Stainless Steel Wallmount Enclosure 1418 N4
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
   Full stainless steel enclosure with type 316
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com