Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EADIP122J-5NLA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EADIP122J-5NLA
Description  LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP122J-5NLA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EADIP122J-5NLA Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP122J-5NLA Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP122J-5NLA Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP122J-5NLA Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP122J-5NLA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EA DIP122-5
Page 2
Specifications may be changed without
prior notice. Printing error reserved
PINOUT
CONTROLLER PT6520
Graphic modules of EA DIP122-5 series do have 2 controller PT6520 (or
compatible) built in: One for the left half of display and the other for the right
one. From 61 columns each 0..60 are used only.
PT6520 do not have any character mode, so all character has
to be set by graphic. Many different fonts are optionally
available on disk with part numer EA DISKFONT1520.
A detailed description for all commands and interface timing
you will find at the user manual for PT6520*).
Instructions
Code
Function
A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0
Display ON/OFF
0
1
0
1
0
1
0
1
1
1 0/1 Turns Display on or off. 0=OFF; 1=ON;
Display start line
0
1
0
1
1
0
Display start
address (0 - 31)
Specifies RAM line corresponding to top
of display.
Set page address
0
1
0
1
0
1
1
1
0
Page
(0-3)
Sets display RAM page.
Set Column address
0
1
0
0
Column address (0 - 79)
Sets display RAM column address.
Read Status
0
0
1
B
U
S
Y
A
D
C
O
N
/
O
F
F
R
E
S
E
T
0
0
0
0
Read the following status:
BUSY:
ADC:
ON/OFF:
RESET:
1=Busy;
1=CW output;
1=Display off;
1=Being reset;
0=Ready;
0=CCW output;
0=Display on;
0=Normal;
Write display data
1
1
0
Write data
Writes data into display RAM.
Read display data
1
0
1
Read data
Reads data from display RAM.
Select ADC
0
1
0
1
0
1
0
0
0
0 0/1 0=CW output; 1=CCW output;
Static drive ON/OFF
0
1
0
1
0
1
0
0
1
0 0/1
Selects static driving operation.
0=Normal driving; 1=Static drive;
Select duty
0
1
0
1
0
1
0
1
0
0 0/1 Select duty cycle. 0=1/16; 1=1/32;
Read-Modify-Write
0
1
0
1
1
1
0
0
0
0
0 Read-modify-write ON
End
0
1
0
1
1
1
0
1
1
1
0 Read-modify-write OFF
Reset
0
1
0
1
1
1
0
0
0
1
0 Software reset.
Pin Symbol Level Function
Pin
Symbol Level Function
1
VSS
L
Power supply 0V (GND)
10
D3
H / L
Display Data
2
VDD
H
Power supply +5V
11
D4
H / L
Display Data
3
VEE
-
Contrast adjustment (-4 V)
12
D5
H / L
Display Data
4
A0
H / L
Command / Data
13
D6
H / L
Display Data
5
R/W
H / L
H=Read, L=Write
14
D7
H / L
Display Data, MSB
6
E1
H
Enable left side
15
E2
H
Enable right side
7
D0
H / L
Display Data, LSB
16
RES
L
Reset
8
D1
H / L
Display Data
17
A
-
LED Backlit+ (external RV !)
9
D2
H / L
Display Data
18
C
-
LED Backlit -
ATTENTION
handling precautions!


Similar Part No. - EADIP122J-5NLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADIP128-6 ETC2-EADIP128-6 Datasheet
635Kb / 5P
   LCD-GRAFIC MODULE 128x64 DOTS
EADIP128-6N5LW ETC2-EADIP128-6N5LW Datasheet
635Kb / 5P
   LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LA ETC2-EADIP128J-6N5LA Datasheet
635Kb / 5P
   LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LE ETC2-EADIP128J-6N5LE Datasheet
635Kb / 5P
   LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LW ETC2-EADIP128J-6N5LW Datasheet
635Kb / 5P
   LCD-GRAFIC MODULE 128x64 DOTS
More results

Similar Description - EADIP122J-5NLA

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-S12232GSF LUMEX-LCM-S12232GSF Datasheet
168Kb / 2P
   122x32 DOT MATRIX GRAPHIC MODULE
logo
List of Unclassifed Man...
EAW082-XLG ETC2-EAW082-XLG Datasheet
1Mb / 13P
   OLED-DISPLAYS INCL. CONTROLLER 8-BIT AND 4-BIT
logo
LUMEX INC.
LCM-S12232GSR LUMEX-LCM-S12232GSR Datasheet
168Kb / 2P
   122x32 DOT MATRIX GRAPHIC MODULE
logo
List of Unclassifed Man...
SED1335-1 ETC-SED1335-1 Datasheet
69Kb / 14P
   CMOS GRAPHIC LCD CONTROLLER
SED1330 ETC-SED1330 Datasheet
97Kb / 14P
   CMOS GRAPHIC LCD CONTROLLER
SED1351F ETC-SED1351F Datasheet
195Kb / 4P
   CMOS GRAPHIC LCD CONTROLLER
EADIPS082-HN ETC2-EADIPS082-HN Datasheet
491Kb / 5P
   LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
   LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
EADIP203G-4NLED ETC2-EADIP203G-4NLED Datasheet
374Kb / 5P
   LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com