Electronic Components Datasheet Search |
|
EATOUCH240-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
EATOUCH240-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 8 page Printing and typographical errors reserved. ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Page 4 DOGXL240-7 GRAPHIC 3 WIRE, 9-BIT SPI-MODE Falling edge on PIN CS0 (or rising edge on PIN CS1) is used for chip select and bus cycle reset. First of all the CD-Bit is transferred to select whether data (H) or command (L) is followed up within the next 8 bit (MSB first) The clock-pulse rate of the CLK line can be up to 8 MHz, depending on power supply and wiring. DATA TRANSFER The EA DOGXL240-7 supports three serial modes. The data transfer of the two SPI-Modes is unidirectional, that means data can only be written, not read back. Compared to other displays, a busy query is not necessary. The clock-pulse rate of the CLK line can be up to 8MHz, depending on the supply voltage and interface mode. More detailed information on timing can be found on page 64 to 66 of the data sheet of the UC1611s controller on our website at http://www.lcd-module.de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf 4 WIRE, 8-BIT SPI-MODE Falling edge on Pin CS0 (or rising edge on PIN CS1) is used for chip select and bus cycle reset. During each write cycle, 8 bits of data, MSB first, are latched on eight rising CLK edges into an 8-bit data holder. If CD=0 (reading at D0), the byte will be decoded as command. If CD=1, this 8-bit will be treated as data byte. The clock-pulse rate of the CLK line can be up to 8 MHz, depending on power supply and wiring. Serial Modes BM0 D13 Description 0 0 4-wire, 8-Bit SPI 1 0 3-wire, 9-Bit SPI 1 1 2-wire, I2C |
Similar Part No. - EATOUCH240-3 |
|
Similar Description - EATOUCH240-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |