Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D0512S-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C4D0512S-A
Description  1.5 DIAMETER 0.5 AMP 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C4D0512S-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C4D0512S-A Datasheet HTML 1Page - List of Unclassifed Manufacturers C4D0512S-A Datasheet HTML 2Page - List of Unclassifed Manufacturers C4D0512S-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
0.5 amp @ 28 VDC; 0.3 amp @ 125 VAC.
Current Carrying Capacity: 15 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3 milliohms.
Insulation Resistance: In excess of 10,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SOLDER LUG - ADJUSTABLE STOPS
SWITCHES - 30
° INDEXING - STOPS SET @ 2 POS.
SPECIFICATIONS AND ORDERING INFORMATION
C4 - SERIES
1.5" DIAMETER 0.5 AMP @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals and Contacts: Brass with silver plate as standard.
Insulation: Diallyl phthalate.
Index: Dual-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: 30
° standard, 36°, 45°, 60°, and 90° available.
Index Stops: Fixed standard, adjustable or continuous available.
Stop Strength: 15 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 55.
C4D STANDARD CONSTRUCTION
10
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
The C4 Series provides a versatile, fully enclosed design, that helps keep
dirt and moisture out of the contact area while locking in life time lubricants.
IP67 Rating Available.
Q
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
01
02-12
1
1
C4D0112S - A C4D0112N - A
CA
06
02-06
2
3
C4D0606S - A
C4D0606N - A
CH
02
02-06
2
1
C4D0206S - A C4D0206N - A
CH
06
02-04
3
2
C4D0604S - A
C4D0604N - A
CK
02
02-12
1
2
C4D0212S - A C4D0212N - A
CA
06
02-12
1
6
C4D0612S - A
C4D0612N - A
CA
03
02-12
1
3
C4D0312S - A C4D0312N - A
CA
08
02-06
2
4
C4D0806S - A
C4D0806N - A
CH
03
02-04
3
1
C4D0304S - A C4D0304N - A
CK
09
02-04
3
3
C4D0904S - A
C4D0904N - A
CK
04
02-12
1
4
C4D0412S - A C4D0412N - A
CA
10
02-06
2
5
C4D1006S - A
C4D1006N - A
CH
04
02-06
2
2
C4D0406S - A C4D0406N - A
CH
12
02-04
3
4
C4D1204S - A
C4D1204N - A
CK
05
02-12
1
5
C4D0512S - A C4D0512N - A
CA
15
02-04
3
5
C4D1504S - A
C4D1504N - A
CK


Similar Part No. - C4D0512S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0512S-A ETC2-C4D0512S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
More results

Similar Description - C4D0512S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
C5P0112N-A ETC2-C5P0112N-A Datasheet
80Kb / 3P
   0.92 DIAMETER 1.0 AMP 28 VDC
M4D0112S ETC2-M4D0112S Datasheet
58Kb / 2P
   1.43 DIAMETER 1.0 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com