Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA123JUA-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA123JUA-7
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA123JUA-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA123JUA-7 Datasheet HTML 1Page - Diodes Incorporated DDTA123JUA-7 Datasheet HTML 2Page - Diodes Incorporated DDTA123JUA-7 Datasheet HTML 3Page - Diodes Incorporated DDTA123JUA-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30326 Rev. 2 - 2
2 of 4
DDTA (R1¹R2 SERIES) UA
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
Vl(off)
-0.3
-0.3
-0.5
-0.3
-0.3
-0.5
-0.3
-0.8
-0.4
-1.0
-0.8
¾
¾
V
VCC = 5V, IO = 100mA
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
Vl(on)
¾
¾
-3.0
-3.0
-1.1
-2.5
-1.3
-1.3
-1.4
-3.0
-2.5
-5.0
-4.0
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -3mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -1mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
Output Voltage
VO(on)
¾
-0.1
-0.3
V
IO/Il = -5mA/-0.25mA DDTA123JUA
IO/Il = -5mA/-0.25mA DDTA143ZUA
IO/Il = -5mA/-0.25mA DDTA114YUA
IO/Il = -10mA/-0.5mA All Others
Input Current
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
Il
¾
¾
-7.2
-3.8
-3.6
-1.8
-1.8
-1.8
-0.88
-0.88
-0.36
-0.16
-0.16
mA
VI = -5V
Output Current
IO(off)
¾
¾
-0.5
m
A
VCC = -50V, VI = 0V
DC Current Gain
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
Gl
-33
-33
-80
-30
-68
-80
-68
-24
-68
-33
-56
¾
¾
¾
VO = -5V, IO = -10mA
Input Resistor Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
DR2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Device
Packaging
Shipping
DDTA113ZUA-7
SOT-323
3000/Tape & Reel
DDTA123YUA-7
SOT-323
3000/Tape & Reel
DDTA123JUA-7
SOT-323
3000/Tape & Reel
DDTA143XUA-7
SOT-323
3000/Tape & Reel
DDTA143FUA-7
SOT-323
3000/Tape & Reel
DDTA143ZUA-7
SOT-323
3000/Tape & Reel
DDTA114YUA-7
SOT-323
3000/Tape & Reel
DDTA114WUA-7
SOT-323
3000/Tape & Reel
DDTA124XUA-7
SOT-323
3000/Tape & Reel
DDTA144VUA-7
SOT-323
3000/Tape & Reel
DDTA144WUA-7
SOT-323
3000/Tape & Reel
(Note 2)


Similar Part No. - DDTA123JUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123JUA-7-F DIODES-DDTA123JUA-7-F Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
More results

Similar Description - DDTA123JUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
DDTA114GUA DIODES-DDTA114GUA Datasheet
193Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 2 - 2
DDTAXXXXUA DIODES-DDTAXXXXUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA113TUA DIODES-DDTA113TUA Datasheet
191Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 2 - 2
DDTA113ZUA DIODES-DDTA113ZUA_1 Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA113TUA DIODES-DDTA113TUA_1 Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA114GUA DIODES-DDTA114GUA_1 Datasheet
458Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 5 - 2
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com