Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-65-2068 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 09-65-2068
Description  SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-65-2068 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  09-65-2068 Datasheet HTML 1Page - Molex Electronics Ltd. 09-65-2068 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
09-65-2068
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
SPOX™ and KK® 396 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits
Documents:
3D Model
Product Specification PS-5239-006 (PDF)
Drawing (PDF)
Product Specification PS-5239-007 (PDF)
Product Specification PS-5195-001 (PDF)
Product Specification PS-5273-003 (PDF)
Product Specification PS-5195-005 (PDF)
Product Specification PS-5273-004 (PDF)
Product Specification PS-5239-002 (PDF)
Packaging Specification SPK-5273-001 (PDF)
Product Specification PS-5239-004 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
PCB Headers
Series
5273
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396, SPOX™
UPC
800753613690
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
2057.300/mg
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.60mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Plating min - Mating
5.080µm
Plating min - Termination
5.080µm
Polarized to PCB
No
Shrouded
Partial
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5273Series
Mates With
5195 SPOX™ Crimp Housing, 5239 KK®
396 Crimp Housing


Similar Part No. - 09-65-2068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-65-2068 MOLEX1-09-65-2068 Datasheet
124Kb / 3P
   3.96mm (.156") Pitch SPOX??and KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits
09-65-2068 MOLEX1-09-65-2068 Datasheet
123Kb / 3P
   3.96mm (.156") Pitch SPOX??and KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 8 Circuits
More results

Similar Description - 09-65-2068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-65-2088 MOLEX11-09-65-2088 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 8 Circuits
09-65-2078 MOLEX11-09-65-2078 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 7 Circuits
09-65-2028 MOLEX11-09-65-2028 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 2 Circuits
09-65-2058 MOLEX11-09-65-2058 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits
09-65-2038 MOLEX11-09-65-2038 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
0009652068 MOLEX1-0009652068_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits
0009652058 MOLEX1-0009652058_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits
0009652078 MOLEX1-0009652078_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 7 Circuits
0009652038 MOLEX1-0009652038_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
0009652048 MOLEX1-0009652048_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com