Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1606D Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # GP1606D
Description  16.0 Ampere Dual Doubler Tandem General Purpose Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

GP1606D Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  GP1606D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. GP1606D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0
5
10
50
100
1000
500
20
40
60
100
80
120
Tj=25 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
175
150
125
100
45
50
25
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
0
50
100
150
18
16
14
12
10
8
CASE TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.4
0.2
1
4
2
10
20
40
100
200
400
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
0
20
40
60
80
100
120
140
0.1
0.4
0.2
1.0
4
40
2
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
REVERSE VOLTAGE. (V)
)
(
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
GP1601D THRU GP1607D
FIG.4- TYPICAL JUNCTION CAPACITANCE
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2- TYPICAL REVERSE CHARACTERISTICS
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014
®
GP1601D thru GP1607D


Similar Part No. - GP1606D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GP1606D THINKISEMI-GP1606D Datasheet
1Mb / 3P
   16.0 Amperes Heatsink Dual Doubler Polarity General Purpose Rectifiers
More results

Similar Description - GP1606D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ESAD25-02D THINKISEMI-ESAD25-02D Datasheet
206Kb / 2P
   16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
HER1601GD THINKISEMI-HER1601GD Datasheet
392Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Tandem High Efficiency Rectifier
SDD10N01 THINKISEMI-SDD10N01 Datasheet
406Kb / 2P
   10 Ampere Heatsink Dual Tandem Polarity General Purpose Rectifier Diodes
GP1601A THINKISEMI-GP1601A Datasheet
266Kb / 2P
   16.0 Ampere Dual Common Anode General Purpose Rectifier Diodes
GP1601 THINKISEMI-GP1601 Datasheet
307Kb / 2P
   16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
F12C20D THINKISEMI-F12C20D Datasheet
616Kb / 2P
   12.0 Ampere Doubler Tandem Fast Recovery Rectifier Diodes
GPA1601 THINKISEMI-GPA1601 Datasheet
730Kb / 2P
   16.0 Ampere General Purpose Rectifier Diodes for PhotoVoltaic
GPA1601R THINKISEMI-GPA1601R Datasheet
497Kb / 2P
   16.0 Ampere Reverse Polarity General Purpose Rectifier Diodes
GSA1601 THINKISEMI-GSA1601 Datasheet
543Kb / 2P
   16.0 Ampere General Purpose Rectifier Diodes for PhotoVoltaic
MUR2020D THINKISEMI-MUR2020D Datasheet
639Kb / 2P
   20.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com