Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V30MLA1206N Datasheet(PDF) 4 Page - Littelfuse

Part # V30MLA1206N
Description  Surface Mount Multilayer Varistors (MLVs) > MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V30MLA1206N Datasheet(HTML) 4 Page - Littelfuse

  V30MLA1206N Datasheet HTML 1Page - Littelfuse V30MLA1206N Datasheet HTML 2Page - Littelfuse V30MLA1206N Datasheet HTML 3Page - Littelfuse V30MLA1206N Datasheet HTML 4Page - Littelfuse V30MLA1206N Datasheet HTML 5Page - Littelfuse V30MLA1206N Datasheet HTML 6Page - Littelfuse V30MLA1206N Datasheet HTML 7Page - Littelfuse V30MLA1206N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2013 Littelfuse, Inc.
42
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Limit V-I Characteristic for V3.5MLA1206 to V68MLA1206
Limit V-I Characteristic for V3.5MLA0805 to V26MLA0805
1
10
100
1000
10µA
100µA
1mA
10mA
100mA
1A
10A100A1000A
V5.5MLA0805
V3.5MLA0805
V14MLA0805
V18MLA0805
V26MLA0805
FIGURE 7. LIMIT V-I CHARACTERISTIC FOR V3.5MLA0805 TO V26MLA0805
Current (A)
Limit V-I Characteristic for V18MLA1210 to V120MLA1210
1
10
100
1000
10µA
100µA
1mA
10mA
100mA
1A
10A100A1000A
Current (A)
V68MLA1206
V56MLA1206
V42MLA1206
V33MLA1206
V26MLA1206
V18MLA1206
V14MLA1206
V5.5MLA1206
V3.5MLA1206
FIGURE 6. LIMIT V-1 CHARACTERISTIC FOR V3.5MLA1206 TO V68MLA1206
FIGURE 9. LIMIT V-I CHARACTERISTIC FOR V18MLA1210 TO V120MLA1210
1mA
10µA
100µA
CURRENT (A)
10mA
100mA
1A
10A100A
1000A
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
V60MLA1210
V85MLA1210
V120MLA1210
V48MLA1210, V48MLA1210L
V30MLA1210, V30MLA1210L
V26MLA1210
V18MLA1210
100
10
1000
1
Figure 7
Figure 8
Figure 9


Similar Part No. - V30MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V30MLA1206N LITTELFUSE-V30MLA1206N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA1206N LITTELFUSE-V30MLA1206N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA1206N LITTELFUSE-V30MLA1206N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA1206N LITTELFUSE-V30MLA1206N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA1206N LITTELFUSE-V30MLA1206N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V30MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V60MLA1210NH LITTELFUSE-V60MLA1210NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com