Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSFA1604 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # GSFA1604
Description  16.0 Ampere Isolated Pkg General Purpose Rectifier for PhotoVoltaic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

GSFA1604 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  GSFA1604 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. GSFA1604 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Glass passivated chip junction
High current capability
Case: Insulated ITO-220AC Full Plastic Pak
High surge current capability
Weight: 2.1 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
®
GSFA1601 thru GSFA1607
Pb Free Plating Product
GSFA1601 thru GSFA1607
Application
PV diode for Solar Junction Box
Solar power supply and PV system
BY-PASS DIODE application
Pb
16.0 Ampere Isolated Pkg General Purpose Rectifier for PhotoVoltaic
ITO-220AC
Unit : inch (mm)
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04/2014
Positive
Negative
Suffix "R"
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
GSFA
1601
GSFA
1602
GSFA
1603
GSFA
1604
GSFA
1605
GSFA
1606
GSFA
1607
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
VF
V
IR
uA
Cj
pF
RθJC
TJ
TSTG
Note 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on P.C. Board with 2"x3" x0.25" Al-plate
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified @Tc = 100℃
Maximum Instantaneous Forward Voltage @ 16.0A
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
Type Number
Maximum Recurrent Peak Reverse Voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
1.1
100
Storage Temperature Range
16.0
250
10
250
2.0
-65 to +150
-65 to +150
℃/W
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.055(1.4)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.039(1.0)
.039(1.0)
MAX
.118(3.0)


Similar Part No. - GSFA1604

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GSFA1604 THINKISEMI-GSFA1604 Datasheet
1Mb / 3P
   16.0 Amperes Insulated Single Glass Passivated Process Avalanche Rectifier Diode
GSFA1604R THINKISEMI-GSFA1604R Datasheet
1Mb / 3P
   16.0 Amperes Insulated Reverse Polarity Glass Passivated Avalanche Rectifier Diode
More results

Similar Description - GSFA1604

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GPA1601 THINKISEMI-GPA1601 Datasheet
730Kb / 2P
   16.0 Ampere General Purpose Rectifier Diodes for PhotoVoltaic
GSA1601 THINKISEMI-GSA1601 Datasheet
543Kb / 2P
   16.0 Ampere General Purpose Rectifier Diodes for PhotoVoltaic
GPA1601R THINKISEMI-GPA1601R Datasheet
497Kb / 2P
   16.0 Ampere Reverse Polarity General Purpose Rectifier Diodes
SBL1630CT THINKISEMI-SBL1630CT Datasheet
317Kb / 2P
   16.0 Ampere Heatsink Pkg Common Cathode Schottky Barrier Rectifier Diodes
GP1601D THINKISEMI-GP1601D Datasheet
266Kb / 2P
   16.0 Ampere Dual Doubler Tandem General Purpose Rectifier Diodes
GP1601A THINKISEMI-GP1601A Datasheet
266Kb / 2P
   16.0 Ampere Dual Common Anode General Purpose Rectifier Diodes
SBLF1630CT THINKISEMI-SBLF1630CT Datasheet
331Kb / 2P
   16.0 Ampere Insulated Pkg Common Cathode Schottky Barrier Rectifier Diodes
GP1601 THINKISEMI-GP1601 Datasheet
307Kb / 2P
   16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
SBL1640CG THINKISEMI-SBL1640CG Datasheet
337Kb / 2P
   16.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
10A05 THINKISEMI-10A05 Datasheet
697Kb / 2P
   10.0 Ampere Plastic Silicon General Purpose Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com