Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER1001G Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # HER1001G
Description  10.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER1001G Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  HER1001G Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER1001G Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014
RATINGS AND CHARACTERISTIC CURVES (HER1001G thru HER1008G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
2
4
6
8
10
12
0
50
100
150
LEAD TEMPERATURE (
oC)
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
TA=75℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE
0
40
80
120
160
200
240
1
10
100
1000
REVERSE VOLTAGE (V)
HER1006G-HER1008G
HER1001G-HER1005G
FIG. 5- TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
HER1006G-HER1008G
HER1005G
HER1001G-HER1004G
TA=25℃
PULSE SE WIDTH-300us
1% DUTY CYCLE
®
HER1001G thru HER1008G


Similar Part No. - HER1001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G Datasheet
353Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER1001G GOOD-ARK-HER1001G Datasheet
153Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
604Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G Datasheet
200Kb / 2P
   10.0AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER1001G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1002CT THINKISEMI-HER1002CT Datasheet
258Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER1001GA THINKISEMI-HER1001GA Datasheet
518Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HERF1001G THINKISEMI-HERF1001G Datasheet
668Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HER1002CA THINKISEMI-HER1002CA Datasheet
262Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER1002FCT THINKISEMI-HER1002FCT Datasheet
288Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HER2001G THINKISEMI-HER2001G Datasheet
621Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER1602CT THINKISEMI-HER1602CT Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER2002PT THINKISEMI-HER2002PT Datasheet
278Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
FR1001CT THINKISEMI-FR1001CT Datasheet
607Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
F10C20C THINKISEMI-F10C20C Datasheet
290Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com