Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1J Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # US1J
Description  1.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

US1J Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  US1J Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. US1J Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
0.01
0.001
1
RATINGS AND CHARACTERISTIC CURVES (US1A THRU US1M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
60
80
100
120
140
160
0
0.5
1.0
1.2
LEAD TEMPERATURE. ( C)
o
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
40
10
20
30
50
NUMBER OF CYCLES AT 60Hz
TL=90 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON 0.2 X 0.2"
(5.0X5.0mm) COPPER PAD AREAS
40
20
0
180
Pulse Width=300 s
1% Duty Cycle
0.1
10
US1A - US1G
US1J - US1M
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION, sec.
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
US1A - US1G
US1J - US1M
FORWARD VOLTAGE. (V)
1
20
40
60
80
100
120
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
0
140
®
US1A thru US1M
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2


Similar Part No. - US1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1J PANJIT-US1J Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
US1J BILIN-US1J Datasheet
216Kb / 3P
   Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
US1J TSC-US1J Datasheet
151Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
logo
Won-Top Electronics
US1J WTE-US1J Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Yixinwei Techn...
US1J YIXIN-US1J Datasheet
143Kb / 2P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - US1J

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURA120T3G THINKISEMI-MURA120T3G Datasheet
266Kb / 2P
   1.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diode
FESB16ATR THINKISEMI-FESB16ATR Datasheet
333Kb / 2P
   16.0 Ampere Surface Mount Type Negative Ultra Fast Recovery Rectifier Diode
STTH502B THINKISEMI-STTH502B Datasheet
401Kb / 2P
   5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
MURS120 THINKISEMI-MURS120 Datasheet
600Kb / 2P
   1.0 Amperes Surface Mount Type Ultra Fast Recovery Rectifier Diodes
U1620RG THINKISEMI-U1620RG Datasheet
262Kb / 2P
   16 Ampere Surface Mount Common Anode Ultra Fast Recovery Rectifier
MURB1620CTD THINKISEMI-MURB1620CTD Datasheet
262Kb / 2P
   16.0 Ampere Surface Mount Tandem Polarity Ultra Fast Recovery Rectifier
U1620G THINKISEMI-U1620G Datasheet
262Kb / 2P
   16 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
MURB1620CTR THINKISEMI-MURB1620CTR Datasheet
290Kb / 2P
   16.0 Ampere Surface Mount Common Anode Ultra Fast Recovery Rectifier
U1620DG THINKISEMI-U1620DG Datasheet
262Kb / 2P
   16 Ampere Surface Mount Doubler Polarity Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com