Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX114EK-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DCX114EK-7
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114EK-7 Datasheet(HTML) 8 Page - Diodes Incorporated

  DCX114EK-7 Datasheet HTML 1Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 2Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 3Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 4Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 5Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 6Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 7Page - Diodes Incorporated DCX114EK-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS30350 Rev. 2 - 2
8 of 8
DCX (xxxx) K
1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75°C
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
-25°C
5
67
75°C
25°C
0.001
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
10
5
15
25
I = 0mA
E
10
1000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V
= 10
CE
75°C
-25°C
25°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I/I = 10
CB
-25°C
75°C
25°C
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Derating Curve
TYPICAL CURVES - DCX114TK
NPN SECTION


Similar Part No. - DCX114EK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114EK-7 DIODES-DCX114EK-7 Datasheet
181Kb / 11P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 5 - 2
DCX114EK-7 DIODES-DCX114EK-7 Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
More results

Similar Description - DCX114EK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EK DIODES-DCX124EK_1 Datasheet
181Kb / 11P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 5 - 2
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
DCXLO-R1U DIODES-DCXLO-R1U Datasheet
210Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com