Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL90.0M-29A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 813-SL90.0M-29A
Description  90.0 MHz IF SAW Filter 29.17 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL90.0M-29A Datasheet(HTML) 1 Page - Oscilent Corporation

  813-SL90.0M-29A Datasheet HTML 1Page - Oscilent Corporation 813-SL90.0M-29A Datasheet HTML 2Page - Oscilent Corporation 813-SL90.0M-29A Datasheet HTML 3Page - Oscilent Corporation 813-SL90.0M-29A Datasheet HTML 4Page - Oscilent Corporation 813-SL90.0M-29A Datasheet HTML 5Page - Oscilent Corporation 813-SL90.0M-29A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
813-SL90.0M-29A
90.0 MHz IF SAW Filter 29.17 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 813-SL90.0M-29A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL92.16M-07A OSCILENT-813-SL92.16M-07A Datasheet
218Kb / 6P
   92.16MHz IF SAW Filter 7.36MHz Bandwidth
813-SL92.16M-44A OSCILENT-813-SL92.16M-44A Datasheet
213Kb / 6P
   92.16MHz IF SAW Filter 44.04MHz Bandwidth
813-SL95.0M-15 OSCILENT-813-SL95.0M-15 Datasheet
280Kb / 2P
   IF SAW Filter
813-SL95.0M-15 OSCILENT-813-SL95.0M-15_14 Datasheet
206Kb / 4P
   95.0MHz IF SAW Filter 14.2MHz Bandwidth
813-SL95.0M-19A OSCILENT-813-SL95.0M-19A Datasheet
213Kb / 6P
   95.0 MHz IF SAW Filter 19.42 MHz Bandwidth
More results

Similar Description - 813-SL90.0M-29A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL09029AV TRANSKO-TL09029AV Datasheet
528Kb / 4P
   90.0 MHz IF SAW Filter / 29.17 MHz Bandwidth
Revision 0: 19 Nov. 2008
TA09029AV TRANSKO-TA09029AV Datasheet
646Kb / 4P
   90.0 MHz IF SAW Filter / 29.46 MHz Bandwidth
Revision 0: 07. Oct. 2010
logo
Oscilent Corporation
835-IF125.0M-30C OSCILENT-835-IF125.0M-30C Datasheet
216Kb / 6P
   125.00MHz IF SAW Filter 29.17 MHz Bandwidth
logo
Transko Electronics, In...
TL09047AV TRANSKO-TL09047AV Datasheet
619Kb / 4P
   90.0 MHz IF SAW Filter / 47.20 MHz Bandwidth
Revision 0: 07 Oct. 2011
logo
Integrated Technology F...
245251B ITF-245251B Datasheet
171Kb / 2P
   90.0 MHz SAW Filter
241053B ITF-241053B Datasheet
180Kb / 2P
   90.0 MHz SAW Filter
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com