Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE1A564B Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQE1A564B
Description  Metallized Polyester Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1A564B Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQE1A564B Datasheet HTML 1Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 2Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 3Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 4Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 5Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 6Page - Panasonic Semiconductor ECQE1A564B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
0.48
0.015
153
0.72
0.022
223
1.06
0.033
333
1.58
0.047
473
2.26
0.068
683
3.26
0.100
104
4.80
0.150
154
7.20
0.220
224
7.26
0.330
334
10.89
0.470
474
10.81
0.680
684
15.64
1.000
105
18.00
1.500
155
27.00
2.200
225
22.00
3.300
335
33.00
4.700
475
47.00
Pulse Handling Capability (dV/dt)
Voltage Derating by Temperature
(Max 10000cycles)
250VDC
48
33
23
18
10
Permissible Current
Permissible Voltage
0
50
100
150
200
250
300
-60 -40 -20
0
20
40
60
80
100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(B) Type 250VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
From 0.01uF to 4.7uF
0.47uF
0.22uF
0.10uF
0.047uF
0.022uF
0.01uF
0.01uF
0.022uF
0.047uF
0.10uF
0.22uF
0.47uF
1.0uF
2.2uF
4.7uF


Similar Part No. - ECQE1A564B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1A564B PANASONIC-ECQE1A564B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE1A564B PANASONIC-ECQE1A564B Datasheet
574Kb / 16P
   Plastic Film Capacitors
11-Oct-17
More results

Similar Description - ECQE1A564B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com