Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ-2R5D207S57T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DZ-2R5D207S57T
Description  Standard, large capacitance type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DZ-2R5D207S57T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DZ-2R5D207S57T Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ-2R5D207S57T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marking color : White print on a black sleeve
Pollution-Free ; with no pollutants such as Cd or Pb.
Unlike batteries ; excellent charge and
discharge characteristics with no chemical
reactions
Outline Drawing
Unit : mm
Specifications
Percentage of capacitance change
Internal resistance
Test time
Same as endurance
Same as endurance
Test temperature
Internal resistance
Percentage of capacitance change
Internal resistance
Test time
Test temperature
Internal resistance
1000 hours
Less than four times of the initial specified value
Part numbering system (example : 2.5V10F)
̶
DZ
Series code
2R5
Rated voltage
symbol
106
Rated capacitance
symbol
T
(H8)
Casing
symbol
D
Terminal
code
Series DZ
Series DZH
Item
Internal resistance
at 1kHz
Characteristics at high and
low temperature
Shelf life
Category temperature range (℃)
Series name
Tolerance at rated capacitance (%)
Endurance
Applicable standards
Within ±30% of the value at 20℃
Percentage of capacitance change
Within ±30% of the initial measured value
Less than five times of the value at 20℃
70℃
2000 hours
Less than four times of the initial specified value
Within ±30% of value at 20℃
Percentage of capacitance change
Within ±30% of the initial measured value
Less than eight times of the value at 20℃
60℃
Performance
ー25 to +70
ー20 to +80
ー20 to +80
ー25 to +60
Conforms to JIS C5160-1 2009 (IEC 62391-1 2006)
Part number is refer to the following page.
8
3.5
6.3
2.5
φD
F
φd
α
10
12.5
5.0
18
16
7.5
0.8
2.0
0.6
Refer to the following page
Vent
1.5±0.1
±1
Lug terminal details
0.9±0.1 Thickness : 0.8t
Position of printed
circuit board holes
(‒) Negative terminal
indicated by cross notching
2.1
2‒φ2
Markings
L+α max.
15min.
Sleeve
φ25, 35
φ6.3 to φ18
5
min.
φd±0.05
copper clad steel wire (tinned)
Sleeve
L+2max.
202
CAT.No.2013/2014E
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
®
DZ,DZH
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”


Similar Part No. - DZ-2R5D207S57T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DZ-2R5D207S57 ETC2-DZ-2R5D207S57 Datasheet
59Kb / 2P
   High Energy type Capacitors
More results

Similar Description - DZ-2R5D207S57T

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_PL ROHM-TCT_PL_11 Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com