Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1HHG331 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA1HHG331
Description  Aluminum Electrolytic Capacitors/ NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1HHG331 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA1HHG331 Datasheet HTML 1Page - Panasonic Semiconductor ECA1HHG331 Datasheet HTML 2Page - Panasonic Semiconductor ECA1HHG331 Datasheet HTML 3Page - Panasonic Semiconductor ECA1HHG331 Datasheet HTML 4Page - Panasonic Semiconductor ECA1HHG331 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ NHG
– EEE-102 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
100
33
8
11.5
130
0.08
1000
0.6
3.5
5.0
ECA2AHG330( )
200
1000
47
10
12.5
165
0.08
2000
0.6
5.0
5.0
ECA2AHG470( )
200
500
100
10
20
265
0.08
2000
0.6
5.0
5.0
ECA2AHG101( )
200
500
220
12.5
25
440
0.08
2000
0.6
5.0
5.0
ECA2AHG221( )
200
500
330
16
25
540
0.08
2000
0.8
7.5
7.5
ECA2AHG331( )
100
250
470
16
25
715
0.08
2000
0.8
7.5
7.5
ECA2AHG471( )
100
250
1000
18
35.5
985
0.08
2000
0.8
7.5
ECA2AHG102
50
160
1
6.3
11.2
17
0.15
2000
0.5
2.5
5.0
2.5
ECA2CHG010( )
200
2000
2.2
6.3
11.2
25
0.15
2000
0.5
2.5
5.0
2.5
ECA2CHG2R2( )
200
2000
3.3
6.3
11.2
36
0.15
2000
0.5
2.5
5.0
2.5
ECA2CHG3R3( )
200
2000
4.7
6.3
11.2
43
0.15
2000
0.5
2.5
5.0
2.5
ECA2CHG4R7( )
200
2000
10
10
12.5
70
0.15
2000
0.6
5.0
5.0
ECA2CHG100( )
200
500
22
10
20
130
0.15
2000
0.6
5.0
5.0
ECA2CHG220( )
200
500
33
10
20
180
0.15
2000
0.6
5.0
5.0
ECA2CHG330( )
200
500
47
12.5
20
220
0.15
2000
0.6
5.0
5.0
ECA2CHG470( )
200
500
100
16
25
335
0.15
2000
0.8
7.5
7.5
ECA2CHG101( )
100
250
220
16
31.5
540
0.15
2000
0.8
7.5
ECA2CHG221
100
330
18
31.5
705
0.15
2000
0.8
7.5
ECA2CHG331
50
200
1
6.3
11.2
17
0.15
2000
0.5
2.5
5.0
2.5
ECA2DHG010( )
200
2000
2.2
6.3
11.2
25
0.15
2000
0.5
2.5
5.0
2.5
ECA2DHG2R2( )
200
2000
3.3
6.3
11.2
36
0.15
2000
0.5
2.5
5.0
2.5
ECA2DHG3R3( )
200
2000
4.7
8
11.5
50
0.15
2000
0.6
3.5
5.0
ECA2DHG4R7( )
200
1000
10
10
16
80
0.15
2000
0.6
5.0
5.0
ECA2DHG100( )
200
500
22
10
20
140
0.15
2000
0.6
5.0
5.0
ECA2DHG220( )
200
500
33
12.5
20
190
0.15
2000
0.6
5.0
5.0
ECA2DHG330( )
200
500
47
12.5
20
220
0.15
2000
0.6
5.0
5.0
ECA2DHG470( )
200
500
100
16
25
335
0.15
2000
0.8
7.5
7.5
2.5
ECA2DHG101( )
100
250
220
18
31.5
575
0.15
2000
0.8
7.5
ECA2DHG221
50
250
1
6.3
11.2
17
0.15
2000
0.5
2.5
5.0
2.5
ECA2EHG010( )
200
2000
2.2
6.3
11.2
29
0.15
2000
0.5
2.5
5.0
2.5
ECA2EHG2R2( )
200
2000
3.3
8
11.5
42
0.15
2000
0.6
3.5
5.0
ECA2EHG3R3
200
1000
4.7
8
11.5
50
0.15
2000
0.6
3.5
5.0
ECA2EHG4R7( )
200
1000
10
10
16
88
0.15
2000
0.6
5.0
5.0
ECA2EHG100( )
200
500
22
12.5
20
155
0.15
2000
0.6
5.0
5.0
ECA2EHG220( )
200
500
33
12.5
20
190
0.15
2000
0.6
5.0
5.0
ECA2EHG330( )
200
500
47
12.5
25
230
0.15
2000
0.6
5.0
5.0
ECA2EHG470( )
200
500
100
16
31.5
365
0.15
2000
0.8
7.5
ECA2EHG101
100
350
1
6.3
11.2
18
0.20
2000
0.5
2.5
5.0
2.5
ECA2VHG010( )
200
2000
2.2
8
11.5
31
0.20
2000
0.6
3.5
5.0
ECA2VHG2R2( )
200
1000
3.3
10
12.5
38
0.20
2000
0.6
5.0
5.0
ECA2VHG3R3( )
200
500
4.7
10
16
50
0.20
2000
0.6
5.0
5.0
ECA2VHG4R7( )
200
500
10
10
20
82
0.20
2000
0.6
5.0
5.0
ECA2VHG100( )
200
500
22
12.5
20
130
0.20
2000
0.6
5.0
5.0
ECA2VHG220( )
200
500
33
16
25
195
0.20
2000
0.8
7.5
7.5
ECA2VHG330( )
100
250
47
16
25
230
0.20
2000
0.8
7.5
7.5
ECA2VHG470( )
100
250
100
18
31.5
375
0.20
2000
0.8
7.5
ECA2VHG101
50
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
02 May. 2014


Similar Part No. - ECA1HHG331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1HHG331 PANASONIC-ECA1HHG331 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1HHG331 PANASONIC-ECA1HHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG331 PANASONIC-ECA1HHG331 Datasheet
317Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG331 PANASONIC-ECA1HHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG331 PANASONIC-ECA1HHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA1HHG331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com