Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE1A333B Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECQE1A333B
Description  Metallized Polyester Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1A333B Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECQE1A333B Datasheet HTML 1Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 2Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 3Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 4Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 5Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 6Page - Panasonic Semiconductor ECQE1A333B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
ECQE(B) Type 250VDC Series (Metallized Polyester Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
4.7uF
1.0uF
0.1uF
4.7uF
1.0uF
0.1uF
4.7uF
1.0uF
0.01uF
4.7uF
1.0uF
0.1uF
0.1uF
1.0uF
4.7uF
0.1uF
1.0uF
4.7uF
0.01uF
0.01uF
0.1uF
0.01uF
0.01uF
0.01uF


Similar Part No. - ECQE1A333B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1A333B PANASONIC-ECQE1A333B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE1A333B PANASONIC-ECQE1A333B Datasheet
574Kb / 16P
   Plastic Film Capacitors
11-Oct-17
More results

Similar Description - ECQE1A333B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com