Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C5V1T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX84C5V1T
Description  1500W SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C5V1T Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX84C5V1T Datasheet HTML 1Page - Diodes Incorporated BZX84C5V1T Datasheet HTML 2Page - Diodes Incorporated BZX84C5V1T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30262 Rev. 4 - 2
3 of 3
BZX84C2V4T - BZX84C39T
www.diodes.com
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
T= 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
Z
5.0mA
200
T , AMBIENT TEMPERATURE, °C
A
Fig.1. PowerDerating Curve
See Note 1
100
150
50
0
250
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 3. Zener Breakdown Characteristics
10
20
30
40
T = 25°C
j
Test current I
Z
5mA
C10
C12
C18
C22
C27
C33
C36
C15
C39
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 4. Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R


Similar Part No. - BZX84C5V1T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C5V1T DIODES-BZX84C5V1T Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C5V1T DIODES-BZX84C5V1T Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
logo
Guangdong Kexin Industr...
BZX84C5V1T KEXIN-BZX84C5V1T Datasheet
1Mb / 3P
   ZENER DIODES
logo
Diodes Incorporated
BZX84C5V1T-7-F DIODES-BZX84C5V1T-7-F Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C5V1TS DIODES-BZX84C5V1TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
More results

Similar Description - BZX84C5V1T

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1.5SMC6.8 LEIDITECH-1.5SMC6.8 Datasheet
1Mb / 4P
   Surface Mount- 1500W
1.5SMC300 LEIDITECH-1.5SMC300 Datasheet
656Kb / 4P
   Surface Mount- 1500W
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com