Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3C0603S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D3C0603S
Description  1 5/16 DIAMETER 1.5 AMPS 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3C0603S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D3C0603S Datasheet HTML 1Page - List of Unclassifed Manufacturers D3C0603S Datasheet HTML 2Page - List of Unclassifed Manufacturers D3C0603S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
STANDARD CONSTRUCTION
D3G - GLASS EPOXY CONSTRUCTION
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.5 amps @ 28 VDC; 0.5 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3.5 milliohms.
Insulation Resistance: Glass in excess of 750,000 megohms.
Ceramic in excess of 1,000,000 megohms.
Diallyl in excess of 900,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
EPOXY GLASS INSULATION - BRASS SILVER PLATE
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - ADJUSTABLE STOPS SET @ 2 POS.
CERAMIC INSULATION - SILVER ALLOY - 2.6 AMPS @ 28 VDC
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - ADJUSTABLE STOPS SET @ 2 POS.
SPECIFICATIONS AND ORDERING INFORMATION
D3 - SERIES
1 5/16" DIAMETER 1.5 AMPS @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials.
Clips and Rotors: Silver alloy standard on ceramic.
Brass with silver plate standard on glass.
Insulation: Glass epoxy, ceramic, or diallyl phthalate.
Index: Single-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 60° available.
Index Stops: Adjustable standard, fixed or continuous.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
22
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
The D3 Series was originally designed as a high quality military switch, but is
ideal for use in both military and commercial equipment applications. The
standard features of this hill and valley design are glass epoxy insulation and
a 30
° index, with options of ceramic and diallyl insulation and a 60° index.
01
02-11
1
1
D3G0111S
D3G0111N
DA
01
02-11
1
1
D3C0111S
D3C0111N
DA
02
02-11
1
2
D3G0211S
D3G0211N
DA
02
02-11
1
2
D3C0211S
D3C0211N
DA
02
02-05
2
1
D3G0205S
D3G0205N
DH
02
02-05
2
1
D3C0205S
D3C0205N
DH
03
02-11
1
3
D3G0311S
D3G0311N
DA
03
02-11
1
3
D3C0311S
D3C0311N
DA
03
02-03
3
1
D3G0303S
D3G0303N
DM
03
02-03
3
1
D3C0303S
D3C0303N
DM
04
02-05
2
2
D3G0405S
D3G0405N
DH
04
02-05
2
2
D3C0405S
D3C0405N
DH
06
02-03
3
2
D3G0603S
D3G0603N
DM
06
02-03
3
2
D3C0603S
D3C0603N
DM
06
02-05
2
3
D3G0605S
D3G0605N
DH
06
02-05
2
3
D3C0605S
D3C0605N
DH


Similar Part No. - D3C0603S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3C OMRON-D3C Datasheet
441Kb / 6P
   Detection Switch
D3C OMRON-D3C Datasheet
362Kb / 4P
   Detection Switch
D3C-1210 OMRON-D3C-1210 Datasheet
441Kb / 6P
   Detection Switch
D3C-1210 OMRON-D3C-1210 Datasheet
362Kb / 4P
   Detection Switch
D3C-1220 OMRON-D3C-1220 Datasheet
441Kb / 6P
   Detection Switch
More results

Similar Description - D3C0603S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
E4C0117S ETC2-E4C0117S Datasheet
70Kb / 3P
   2 13/16 DIAMETER 11.0 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com