Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7D0224S-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C7D0224S-C
Description  2 1/32 DIAMETER 1.0 AMP 28 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C7D0224S-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C7D0224S-C Datasheet HTML 1Page - List of Unclassifed Manufacturers C7D0224S-C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.0 amp @ 28 VDC; 0.5 amp @ 125 VAC.
Current Carrying Capacity: 25 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3 milliohms.
Insulation Resistance:
In excess of 10,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
15
° INDEXING - FIXED STOPS
SOLDER LUG TERMINALS
15
° INDEXING - CONTINUOUS ROTATION
SOLDER LUG TERMINALS
SPECIFICATIONS AND ORDERING INFORMATION
C7 - SERIES
2 1/32" DIAMETER
1.0 AMP @ 28 VDC
The C7 Series provides a fully enclosed, modular design that enables
switching up to 24 positions. Our standard design offers 15
° indexing,
and solder lug terminals.
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals and Contacts: Brass with silver plate as standard.
Insulation: Diallyl phthalate.
Index: Single-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: 15
° standard, 30°, 60°, and 90° available.
Index Stops: Fixed standard, continuous, or adj. available.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 55.
STANDARD CONSTRUCTION - 15
° INDEX ANGLE (3 WAFER DECK)
.187 QUICK CONNECT
14
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
Q
01
23
1
1
C7D0123S
C7D0123N
CF
01
24
1
1
C7D0124S - C
C7D0124N - C
CG
02
23
1
2
C7D0223S
C7D0223N
CF
02
24
1
2
C7D0224S - C
C7D0224N - C
CG
03
23
1
3
C7D0323S
C7D0323N
CF
03
24
1
3
C7D0324S - C
C7D0324N - C
CG
04
23
1
4
C7D0423S
C7D0423N
CF
04
24
1
4
C7D0424S - C
C7D0424N - C
CG
30
° INDEXING
30
° INDEXING
01
12
1
1
C7D0112S -30
C7D0112N -30
CA
01
12
1
1
C7D0112S -30C C7D0112N -30C CA
02
12
1
2
C7D0212S -30
C7D0212N -30
CA
02
12
1
2
C7D0212S -30C C7D0212N -30C CA
03
12
1
3
C7D0312S -30
C7D0312N -30
CA
03
12
1
3
C7D0312S -30C C7D0312N -30C CA


Similar Description - C7D0224S-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M4D0112S ETC2-M4D0112S Datasheet
58Kb / 2P
   1.43 DIAMETER 1.0 AMP 28 VDC
C5P0112N-A ETC2-C5P0112N-A Datasheet
80Kb / 3P
   0.92 DIAMETER 1.0 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com