Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2D0112S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D2D0112S
Description  1 DIAMETER 0.55 AMP 28 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2D0112S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D2D0112S Datasheet HTML 1Page - List of Unclassifed Manufacturers D2D0112S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
PRINTED CIRCUIT BOARD TERMINAL OPTIONS
REAR P.C. DIALLYL ONLY
VERTICALP.C.
ADDITIONAL OPTIONS AND ORDERING INFORMATION
D2 - SERIES
INSULATION OPTION
D2G
GLASS EPOXY INSULATION
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
21
D2
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
R
V
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
D2
D - DIALLYL
01 - MIN.
12 - MAX @ 30
°
S- SHORTING
(30
°,45°,60°)
10 - MAX @ 36
°
N- NON
G - GLASS
08 - MAX @ 45
°
SHORTING
(30
°,36°,45°,60°)06 - MAX @ 60°
D2
C - CERAMIC
01 - MIN.
11 - MAX @ 30
°
S- SHORTING
(30
°,60°)
N- NON
1/8 SHAFT
SHORTING
L - SOLDER LUG
30
°
A- ADJ.
V - VERT. P.C. 30
°
36
°
F- FIXED
R - (REAR P.C.
45
°
C- CONT.
NOT CERAMIC)
60
°
SEE
SEE
CHART
CHART
L - SOLDER LUG
30
°
A- ADJ.
“A”
“B”
60
°
F- FIXED
C- CONT.
How to Order Additional Options:
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 3 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
Y
W
Z
U
SHAFT
, BUSHING, AND FLAT OPTIONS


Similar Part No. - D2D0112S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2D0112S ETC2-D2D0112S Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results

Similar Description - D2D0112S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
   2 1/32 DIAMETER 1.0 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C5P0112N-A ETC2-C5P0112N-A Datasheet
80Kb / 3P
   0.92 DIAMETER 1.0 AMP 28 VDC
M4D0112S ETC2-M4D0112S Datasheet
58Kb / 2P
   1.43 DIAMETER 1.0 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com