Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A6 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 6A6
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

6A6 Datasheet(HTML) 2 Page - Rectron Semiconductor

  6A6 Datasheet HTML 1Page - Rectron Semiconductor 6A6 Datasheet HTML 2Page - Rectron Semiconductor 6A6 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( 6A05 THRU 6A10 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, (
)
Single Phase Half Wave 60Hz
Resistive or Inductive Load
6
5
4
3
2
1
0
0
20 40
60
80 100 120 140 160 180 200
Ground pane
1" x 1" Copper
surface area
PC BOARD
Recommended
PC Board
Mounting
PC BOARD
Standard PC Board
Mounting
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width=300uS
1% Duty Cycle
1000
100
10
1.0
.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
TJ = 25
600
500
400
300
200
100
0
1
2
5
10
20
50
100
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
100
10
1.0
.1
.01
TJ = 100
TJ = 25
FIG. 5 - TYPICAL THERMAL RESISTANCE VS
LEAD LENGTH
EQUAL LEAD LENGTH TO HEAT SINK, (IN.)
0
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
20
15
10
5
0
25


Similar Part No. - 6A6

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
6A6 DACHANG-6A6 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Rectron Semiconductor
6A6 RECTRON-6A6 Datasheet
24Kb / 2P
   SILICON RECTIFIER
logo
Micro Commercial Compon...
6A6 MCC-6A6 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
UNIOHM CORPORATION
6A6 UNIOHM-6A6 Datasheet
68Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Shanghai Leiditech Elec...
6A6 LEIDITECH-6A6 Datasheet
348Kb / 3P
   High Current Capability and Low Leakage
More results

Similar Description - 6A6

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
FR601 WILLAS-FR601 Datasheet
502Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
BR605 WILLAS-BR605 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
6A05 WILLAS-6A05 Datasheet
491Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
DAESAN ELECTRONIC CORP.
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601G DAESAN-HER601G Datasheet
305Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05G DAESAN-6A05G Datasheet
321Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL6005 DAESAN-KBL6005 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05 DAESAN-6A05 Datasheet
271Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com