Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3123AA1B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3123AA1B
Description  Capacitive Sensor Signal Conditioner
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3123AA1B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3123AA1B Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3123AA1B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
ZSSC3123
cL
ite™ Capacitive Sensor Signal Conditioner
Data Sheet
September 29, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev.1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used
without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes
without notice.
9 of 67
1.3
Electrical Parameters
See important footnotes at the end of the following table.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
Update Mode Current (varies with
part configuration)
1
IDD
Best case settings:
*
Mult 1, 8-bit, 125ms Power Down
60
100
μA
Worst case settings:
Mult 1, 14-bit, 0ms Power Down
750
1100
Extra Current with PDM enabled *
IPDM
150
μA
Sleep Mode Current
1
ISLEEP
-40 to 85°C
0.6
1
μA
-40 to 125°C
1
3
μA
Voltage Levels
Power-On-Reset Level
VPOR
1.6
1.7
2.2
V
Active Regulated Voltage
VREG
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
CAPACITANCE-TO-DIGITAL CONVERTER (CDC)
Resolution
RESCDC
8
14
Bits
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
fEXC
fSYS/2
kHz
Integral Nonlinearity (INL)
2
INLCDC
Mult 1, 10% to 90% input, 14-bit
0.2
%
Differential Nonlinearity (DNL) *
DNLCDC
Mult 1, 10% to 90% input, 14-bit
0.9
LSB
EEPROM
Number of Erase/Write Cycles
nWRI_EEP
@85
C
100k
Data Retention
tWRI_EEP
@100
C
10
Year
TEMPERATURE CONVERSION
Resolution in °C *
RESTEMP
-40 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-40 to 125°C, 14-bit mode
0.01
0.015
0.025
Nonlinearity First Order Fit *
, 3
INLCDC
-40 to 125°C
±0.5
±1
°C
Nonlinearity Second Order Fit *
, 4
INLCDC
-40 to 125°C
±0.2
±0.4
°C


Similar Part No. - ZSSC3123AA1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3123AA1B IDT-ZSSC3123AA1B Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123AA1B RENESAS-ZSSC3123AA1B Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123AA1B RENESAS-ZSSC3123AA1B Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
More results

Similar Description - ZSSC3123AA1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
   Low Voltage Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3122 IDT-ZSSC3122 Datasheet
911Kb / 64P
   Low-Voltage Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com