Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3026CI4 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSSC3026CI4
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3026CI4 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZSSC3026CI4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3026CI4 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ZSSC3026
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
May 15, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 1.02
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 46
1.3.
Electrical Parameters
All parameter values are valid only under specified operating conditions. All voltages are referenced to Vss.
Table 1.4
Electrical Parameters.
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNIT
SUPPLY
Bridge Supply Voltage,
ADC Reference Voltage
VDDB
internally generated
1.60
1.67
1.74
V
Active State, average
900
1500
µA
Sleep State, Idle Current, <85°C
20
250
nA
Current Consumption
IVDD
Sleep State, Idle Current, <125°C
50
950
nA
where VDD = 1.8V
17
dB
Power Supply Rejection
(see Figure 3.1)
20·log10(VDD/VDDB)
PSRVDD
where VDD = 2V
32
dB
Memory Program Voltage
VDD,prog
Required voltage level at VDD-pin
2.9
3.6
V
Mean Program Current
IVDD,Prog
Mean current consumption during
MTP programming cycle at VDD
6
mA
Peak Program Current
Iprog,max
MTP Program at VDD-pin,
dynamic switch-on current draw
20
mA
ANALOG TO DIGITAL CONVERTER (ADC)
Resolution
rADC
10
16
Bit
ADC Clock Frequency
fADC
Internal ADC clock
0.925
1
1.12
MHz
Reference Voltage n
Vrefn
VDDB
*0.03
Reference Voltage p
Vrefp
VDDB
*0.97
Offset
A2D_Offset
8-step programmable offset
1/16
8/16
Integral Nonlinearity (INL)
INLADC
Based on ideal slope
-4
-
+4
LSB
Differential Nonlinearity
DNLADC
Tested / verified within design
-1
-
+1
LSB
Conversion Rate, 16bit single
fS,raw
Conversions per second for
single 16bit A2D conversion
6
-
355
Hz
AMPLIFIER
Gain
Gamp
32 steps
13.2
72
Gain Error
Gerr
referred to nominal gain
-1.5
-
1.5
%
SENSOR SIGNAL CONDITIONING PERFORMANCE
IC Accuracy Error
ErrA,IC
Accuracy error for ideally linear
(in temperature and e.g.
pressure) sensor
0.01
%FSO
*
* Percentage referred to maximum full-scale output, e.g. for 16bit measurements: Err
A,IC [%FSO] = 100 · MAX{ | ADCmeas – ADCideal | } / 2
16


Similar Part No. - ZSSC3026CI4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3026CI1B IDT-ZSSC3026CI1B Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026CI1B RENESAS-ZSSC3026CI1B Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3026CI4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com