Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3016CI1B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3016CI1B
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3016CI1B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3016CI1B Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
ZSSC3016
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
December 7, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 44
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNIT
INPUT
Input Voltage Range
VINP, VINN
Input voltage range at INP and
INN
0.65
1.05
V
Bridge Resistance
RBR
2
10
50
k
POWER UP
tSTA1
VDD ramp up to interface
communication
1
ms
Start-up Time
tSTA2
VDD ramp up to analog
operation
2.5
ms
tWUP1
Sleep to Active State interface
communication
0.5
ms
Wake-up Time
tWUP2
Sleep to Active State analog
operation
2
ms
OSCILLATOR
Internal Oscillator
Frequency
fCLK
3.7
4
4.3
MHz
INTERNAL TEMPERATURE SENSOR
Temperature Resolution
for full range: -40°C to +85°C
0.003
K/LSB
INTERFACE and MEMORY
SPI Clock Frequency
fC,SPI
max. capacitance at MISO-line:
40pF @ VDD=1.8V
20
MHz
I²C Clock Frequency
fC,I2C
3.4
MHz
Program Time
tVPP
MTP programming time
500
600
µs
Data Retention
tRET_MTP
for industrial-level IC-version:
1000h @ 150°C
10
*
a
* with maximum ambient temperature of 85°C


Similar Part No. - ZSSC3016CI1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3016CI1B IDT-ZSSC3016CI1B Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016CI1B RENESAS-ZSSC3016CI1B Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results

Similar Description - ZSSC3016CI1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com