Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3016CI1B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZSSC3016CI1B
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3016CI1B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZSSC3016CI1B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3016CI1B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
ZSSC3016
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
December 7, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
11 of 44
2
Circuit Description
2.1.
Brief Description
The ZSSC3016 provides a highly-accurate amplification of bridge sensor signals. The compensation of sensor
offset, sensitivity, temperature drift, and non-linearity is accomplished via an 18-bit DSP core running a correction
algorithm with calibration coefficients stored in an MTP memory. The ZSSC3016 can be configured for a wide
range of resistive bridge sensor types. A digital interface (SPI or I
2C) enables communication. The ZSSC3016
supports two operational modes: Normal Mode and Command Mode. Normal Mode is supposed to be the mode
being used typically, in which the IC wakes up from a Sleep (low power) State, runs a measurement in Active
State and turns back automatically to the Sleep State.
2.2.
Signal Flow and Block Diagram
See Figure 2.1 for the ZSSC3016 block diagram. The sensor bridge supply VDDB and the power supply for analog
circuitry are provided by a voltage regulator, which is optimized for power supply disturbance rejection (PSRR).
See section 1.4 for a graph of PSRR versus frequency. To improve noise suppression, the digital blocks are
powered by a separate voltage regulator. A power supervision circuit monitors all supply voltages and generates
appropriate reset signals for initializing the digital blocks.
The state machine controls the analog circuitry to perform the three measurement types: bridge, temperature, and
offset measurement. The multiplexer selects the signal input to the amplifier, which can be the external signals
from the input pins INP and INN, the internal temperature reference sensor signals, or an input short for
measuring offset. A full measurement request will trigger an automatic sequence of all measurement types and all
input signals, respectively. The Temperature Reference Sensor block is based on a PTAT temperature sensor.
The inherit (IC-fabrication related) device mismatch is suppressed by dynamic element matching technique.
Figure 2.1
ZSSC3016 Functional Block Diagram.


Similar Part No. - ZSSC3016CI1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3016CI1B IDT-ZSSC3016CI1B Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016CI1B RENESAS-ZSSC3016CI1B Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results

Similar Description - ZSSC3016CI1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com