Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL75.0M-30 Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-SL75.0M-30
Description  Low-Loss 75MHz IF SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL75.0M-30 Datasheet(HTML) 3 Page - Oscilent Corporation

  813-SL75.0M-30 Datasheet HTML 1Page - Oscilent Corporation 813-SL75.0M-30 Datasheet HTML 2Page - Oscilent Corporation 813-SL75.0M-30 Datasheet HTML 3Page - Oscilent Corporation 813-SL75.0M-30 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Oscilent Part Number
813-SL75.0M-30
January 2011 Rev A
Low-Loss 75MHz IF SAW Filter
Product Specification
P. 2
www.oscilent.com
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
75
-
Insertion Loss at Fo
dB
-
17.0
18.5
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Temperature Coefficient
ppm/°C
-
-94
-
Amplitude Ripple within fo ±13.5 MHz
dBp-p
-
0.7
1.0
Bandwidth at –1.0 dB
MHz
29.0
29.9
-
Bandwidth at –3.0 dB
MHz
30.0
31.0
-
Bandwidth at –40.0 dB
MHz
-
35.2
37.0
Relative Attenuation:
Lower sidelobe
dB
40
45
-
Upper sidelobe
dB
40
45
-
Group Delay Variation within fo ±13.5 MHz
ns
-
30
60
Absolute Delay at Fo
µs
-
0.86
0.9
IN/OUT Return Loss at Fo
dB
-
-
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.


Similar Part No. - 813-SL75.0M-30

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL75.0M-04A OSCILENT-813-SL75.0M-04A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 4.73MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 6.31MHz Bandwidth
813-SL75.0M-07B OSCILENT-813-SL75.0M-07B Datasheet
219Kb / 6P
   75.0 MHz IF SAW Filter 7.12 MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 10.5MHz Bandwidth
More results

Similar Description - 813-SL75.0M-30

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07506 SIPAT-LBN07506 Datasheet
152Kb / 3P
   75MHz IF SAW Filter
LBN07506 SIPAT-LBN07506 Datasheet
146Kb / 3P
   75MHz IF SAW Filter 19MHz Bandwidth
logo
Oscilent Corporation
820-IF75.0M-26A OSCILENT-820-IF75.0M-26A Datasheet
190Kb / 6P
   75MHz IF SAW Filter 26.6MHz Bandwidth
805-RF246.0M-A OSCILENT-805-RF246.0M-A Datasheet
256Kb / 2P
   Low Loss IF SAW Filter
813-SL70.0M-09 OSCILENT-813-SL70.0M-09 Datasheet
229Kb / 2P
   Low-Loss IF SAW Filter
logo
Golledge Electronics Lt...
MA04600 GOLLEDGE-MA04600 Datasheet
88Kb / 3P
   IF SAW Filter 70MHz Low loss
logo
SIPAT Co,Ltd
LBN07505 SIPAT-LBN07505 Datasheet
302Kb / 3P
   75MHz SAW Filter
logo
Golledge Electronics Lt...
MA05394 GOLLEDGE-MA05394 Datasheet
93Kb / 3P
   70 MHz IF SAW Filter - Low loss
logo
Oscilent Corporation
813-SL125.0M-28 OSCILENT-813-SL125.0M-28_14 Datasheet
121Kb / 4P
   Low-Loss 125MHz IF SAW Filter 28.5MHz Bandwidth
813-SL140.0M-28 OSCILENT-813-SL140.0M-28_14 Datasheet
122Kb / 4P
   Low-Loss 140MHz IF SAW Filter 28.0MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com