Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL75.0M-04A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 813-SL75.0M-04A
Description  75.0MHz IF SAW Filter 4.73MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL75.0M-04A Datasheet(HTML) 2 Page - Oscilent Corporation

  813-SL75.0M-04A Datasheet HTML 1Page - Oscilent Corporation 813-SL75.0M-04A Datasheet HTML 2Page - Oscilent Corporation 813-SL75.0M-04A Datasheet HTML 3Page - Oscilent Corporation 813-SL75.0M-04A Datasheet HTML 4Page - Oscilent Corporation 813-SL75.0M-04A Datasheet HTML 5Page - Oscilent Corporation 813-SL75.0M-04A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oscilent Part Number
813-SL75.0M-04A
January 2011 Rev A
75.0MHz IF SAW Filter 4.73MHz Bandwidth
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Pin Description
A, B, C, D, F, G, H, I, J, L Ground
K Input
E Output
Test Fixture & Values
Input L1=56nH, C1=150pF
Output L2=3.9nH, L3=33nH
Source/Load Impedance 50 Ω


Similar Part No. - 813-SL75.0M-04A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 6.31MHz Bandwidth
813-SL75.0M-07B OSCILENT-813-SL75.0M-07B Datasheet
219Kb / 6P
   75.0 MHz IF SAW Filter 7.12 MHz Bandwidth
More results

Similar Description - 813-SL75.0M-04A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF75.0M-11B OSCILENT-813-IF75.0M-11B Datasheet
217Kb / 6P
   75.0MHz IF SAW Filter 11.90MHz Bandwidth
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 10.5MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 6.31MHz Bandwidth
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.42MHz Bandwidth
813-SL75.0M-28A OSCILENT-813-SL75.0M-28A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 28.17MHz Bandwidth
809-SL75.0M-07A OSCILENT-809-SL75.0M-07A Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 7.67MHz Bandwidth
821-IF75.0M-27A OSCILENT-821-IF75.0M-27A Datasheet
181Kb / 6P
   75.0MHz IF SAW Filter 27.12MHz Bandwidth
813-SL75.0M-24A OSCILENT-813-SL75.0M-24A Datasheet
212Kb / 6P
   75.0MHz IF SAW Filter 24.35MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com