Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AYF321515 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AYF321515
Description  FPC connectors (0.3mm pitch) Front lock without FPC tabs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF321515 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AYF321515 Datasheet HTML 1Page - Panasonic Semiconductor AYF321515 Datasheet HTML 2Page - Panasonic Semiconductor AYF321515 Datasheet HTML 3Page - Panasonic Semiconductor AYF321515 Datasheet HTML 4Page - Panasonic Semiconductor AYF321515 Datasheet HTML 5Page - Panasonic Semiconductor AYF321515 Datasheet HTML 6Page - Panasonic Semiconductor AYF321515 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF32
ACCTB8E 201303-T
PRODUCT TYPES
Notes: 1. Order unit;
For volume production: 1-inner carton (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Height
Number of pins
Part number
Packing
Inner carton
Outer carton
0.9 mm
13
AYF321315
5,000 pieces
10,000 pieces
15
AYF321515
17
AYF321715
23
AYF322315
25
AYF322515
27
AYF322715
29
AYF322915
31
AYF323115
33
AYF323315
35
AYF323515
39
AYF323915
41
AYF324115
45
AYF324515
51
AYF325115
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.2A/pin contact
Rated voltage
50V AC/DC
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Breakdown voltage
150V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Contact resistance
Max. 80m
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
FPC holding force
Min. 0.13N/pin contacts
× pin contacts (initial)
Measurement of the maximum force applied until the
inserted compatible FPC is pulled out in the insertion axis
direction while the connector lever is closed
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures. No dew condensation.
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
Thermal shock resistance
(with FPC mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(with FPC mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(with FPC mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Bath temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(with FPC mated)
48 hours,
contact resistance max. 80m
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Soldering heat resistance
Peak temperature: 260
°C or less
Reflow soldering
300
°C within 5 sec. 350°C within 3 sec.
Soldering iron
Lifetime
characteristics
Insertion and removal life
30 times
Repeated insertion and removal: min. 10 sec./time
Unit weight
51 pin contact type: 0.09 g
Part name
Material
Surface treatment
Molded portion
Housing: LCP resin (UL94V-0)
Lever: LCP resin (UL94V-0)
Contact
Copper alloy
Contact portion; Base: Ni plating, Surface: Au plating
Terminal portion; Base: Ni plating, Surface: Au plating
Soldering terminals portion
Copper alloy
Base: Ni plating, Surface: Au plating
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AYF321515

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311315 PANASONIC-AYF311315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311515 PANASONIC-AYF311515 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311715 PANASONIC-AYF311715 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF312315 PANASONIC-AYF312315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
More results

Similar Description - AYF321515

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
   FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Japan Aviation Electron...
FB8 JAE-FB8 Datasheet
144Kb / 4P
   0.3mm Pitch Upper Contact One-touch connector for FPC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com