Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4012BA1W18 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZSPM4012BA1W18
Description  High Efficiency 2A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4012BA1W18 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZSPM4012BA1W18 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSPM4012BA1W18 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ZSPM4012B
High Efficiency 2A Synchronous Buck Converter
Data Sheet
April 4, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 22
2
Typical Performance Characteristics
– ZSPM401x Family
Graphs apply to ZSPM401x ICs. See section 1 for ZSPM4012B characteristics. Unless otherwise noted, TJ = -40°C to 125°C, VCC = 12V.
Figure 2.1 Startup Response
Figure 2.2 100mA to 1A Load Step (VCC= 12V, VOUT =1.8V)
Figure 2.3 100mA to 2A Load (VCC=12V, VOUT = 1.8V)
Figure 2.4 100mA to 1A Load Step (VCC=12V, VOUT = 3.3V)
Figure 2.5 100mA to 2A Load Step
(VCC=12V, VOUT = 3.3V)
Figure 2.6 Line Transient Response
(VCC=10V to 15V, VOUT = 3.3V)


Similar Part No. - ZSPM4012BA1W18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012BA1W18 IDT-ZSPM4012BA1W18 Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W18 RENESAS-ZSPM4012BA1W18 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com