Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4011AA1W00 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSPM4011AA1W00
Description  High Efficiency 1A Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4011AA1W00 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZSPM4011AA1W00 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM4011AA1W00 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ZSPM4011
High Efficiency 1A Synchronous Buck Converter
Data Sheet
September 21, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.03
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 21
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PG Open Drain Output
PG Release Timer
TPG
10
Ms
High-Level Output Leakage
IOH-PG
VPG = 5V
0.5
µA
Low-Level Output Voltage
VOL-PG
IPG = -0.3mA
0.01
V
EN Input Voltage Thresholds
High Level Input Voltage
VIH-EN
2.2
V
Low Level Input Voltage
VIL-EN
0.8
V
Input Hysteresis
VHYST-EN
480
mV
Input Leakage
IIN-EN
VEN=5V
3.5
µA
VEN=0V
-1.5
µA
Thermal Shutdown
Thermal Shutdown Junction
Temperature
TSD
Note: Guaranteed by design
150
170
°C
TSD Hysteresis
TSDHYST
10
°C
1.5.
Regulator Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: L=4.7µH and C=2 x 22µF
Output Voltage Tolerance in
PWM Mode
VOUT-
PWM
ILOAD =1A
VOUT
2%
VOUT
VOUT +
2%
V
Output Voltage Tolerance in
PFM Mode
VOUT-
PFM
ILOAD = 0A
VOUT
1%
VOUT +
1%
VOUT +
3.5%
V
High Side Switch On
Resistance
RDSON
IVSW = -1A
(See table note 1)
180
mΩ
Low Side Switch On
Resistance
IVSW = 1A
(See table note 1)
120
mΩ
Output Current
IOUT
1
A
Over Current Detect
IOCD
HS switch current
1.4
1.8
2.4
A
Feedback Reference
(Adjustable Mode)
FBTH
0.886
0.9
0.914
V
Feedback Reference
Tolerance
FBTH-TOL
-1.5
1.5
%
Soft Start Ramp Time
TSS
4
ms
PFM Mode FB Comparator
Threshold
FBTH-PFM
VOUT +
1%
V


Similar Part No. - ZSPM4011AA1W00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4011AA1W00 RENESAS-ZSPM4011AA1W00 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
More results

Similar Description - ZSPM4011AA1W00

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
   High Efficiency 1A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
   1.5MHz, 1A High Efficiency Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com