Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM3480 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM3480
Description  Small, 3.75 kV RMS Quad Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3480 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM3480 Datasheet HTML 7Page - Analog Devices ADUM3480 Datasheet HTML 8Page - Analog Devices ADUM3480 Datasheet HTML 9Page - Analog Devices ADUM3480 Datasheet HTML 10Page - Analog Devices ADUM3480 Datasheet HTML 11Page - Analog Devices ADUM3480 Datasheet HTML 12Page - Analog Devices ADUM3480 Datasheet HTML 13Page - Analog Devices ADUM3480 Datasheet HTML 14Page - Analog Devices ADUM3480 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADuM3480/ADuM3481/ADuM3482
Rev. 0 | Page 11 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 15.
Parameter
Rating
Supply Voltages (VDD1, VDD2, VDDL1,
VDDL2, VDDC1, VDDC2)
−0.5 V to +7.0 V
Input Voltages (VIA, VIB, VIC, VID, VCTRL1,
VCTRL2)
−0.5 V to VDDI + 0.5 V
Output Voltages (VOA, VOB, VOC, VOD)
−0.5 V to VDDO + 0.5 V
Average Output Current per Pin1
−10 mA to +10 mA
Common-Mode Transients2
−100 kV/μs to +100 kV/μs
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
1
See Figure 4 for maximum rated current values for various temperatures.
2
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 16. Maximum Continuous Working Voltage
Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage, Bipolar
Waveform
565
V peak
All certifications
AC Voltage, Unipolar
Waveform
848
V peak
DC Voltage
848
V peak
1
Refers to the continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more information.
ESD CAUTION


Similar Part No. - ADUM3480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480ARSZ AD-ADUM3480ARSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480ARSZ-RL7 AD-ADUM3480ARSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480BRSZ AD-ADUM3480BRSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480BRSZ-RL7 AD-ADUM3480BRSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
More results

Similar Description - ADUM3480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com