Electronic Components Datasheet Search |
|
600F100FT250XT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
600F100FT250XT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 5 page Electrical Specifications Terminations: T = Tin Plated over Nickel Bar- rier * (Standard) TN = Tin Plated over Non-Mag- netic Barrier * W = Tin/Lead Solder Plated over Nickel Barrier Solderability: Solder coverage > 90% of end termination Terminal Strength: 4 lbs. Typ., 2 lbs. min. Mechanical Specifications Environmental Specifications Capacitance: 0.1 to 240 pF Tolerances: See Cap Value Chart Working Voltage (WVDC): 250 V Quality Factor (Q): > 2000 @ 1 MHz Operating Temperature -55°C to +125°C Range: (no derating of working voltage) Temperature coefficient of Capacitance (TCC): 0 ± 30 ppm/°C, -55°C to +125°C Insulation Resistance: 105 M min. at +25°C at rated WVDC 104 M min. at +125°C at rated WVDC Dielectric Withstanding 2.5 x WVDC for 5 seconds Voltage (DWV): Aging: None Piezo Effects: None ATC 600F Series Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors Features: • Lowest ESR in Class • Highest Working Voltage in class – 250V • Standard EIA Size: 0805 • Laser Marking (Optional) • High Self Resonance Frequencies Applications: • Cellular Base Stations • Wireless Communications • Broadband Wireless Services • Satellite Communications • WiMAX (802.16) Circuit Applications: • Filter Networks • High Q Frequency Sources • Matching Networks • Tuning, Coupling, Bypass and DC Blocking Life Test: 2000 hours, +125°C at 2X WVDC Thermal Shock: 5 cycles, -55°C to +125°C Moisture Resistance: 240 hours, 85% Relative Humidity at +85°C DSCC Drawing Number 05001 ISO 9001 REGISTERED COMPANY ATC 600 Series Capacitors are designed and manufactured to meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123. ATC # 001-956 Rev. M; 12/09 ATC 600 SERIES OVERVIEW ATC Series ATC Case Size EIA Case Size 600 L 0402 600 S 0603 600 F 0805 Military Approval * |
Similar Part No. - 600F100FT250XT |
|
Similar Description - 600F100FT250XT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |