Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACFM-7107-BLK Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7107-BLK
Description  PCS/Cellular Band Quadplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7107-BLK Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7107-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7107-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Absolute Maximum Ratings [1]
Parameter
Unit
Value
Storage temperature
°C
–65 to +125
Maximum RF Input Power to Tx Ports
dBm
+33
Maximum Recommended Operating Conditions [2]
Parameter
Unit
Value
Operating temperature, Tc [3] , Tx Power ≤ 29 dBm
°C
–40 to +100
Operating temperature, Tc [3] , Tx Power ≤ 30 dBm
°C
–40 to +85
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. The device will function over the recommended range without degradation in reliability or permanent
change in performance, but is not guaranteed to meet electrical specifications.
3. TC is defined as Case Temperature, the temperature of the bottom mounting surface of the quadplexer
where it makes contact with the circuit board.
Applications Information
The ACFM-7107 quadplexer has a single antenna con-
nection common to the both the Cellular and PCS Band
duplexers.
Operation
A two-element series-L, shunt-C network is used to match
the impedance of the Ant port to 50 ohms as shown in
Figure 1.
Matching Components
The nominal values for L and C shown here were selected
to match the ACFM-7107 to 50 ohms. Since every appli-
cation is different, these nominal values may need to be
adjusted to provide the best impedance match for the
user’s particular circuit board, performance requirements,
and interface to related components.
The L and C matching components should be located in
close proximity to the quadplexer as shown in the recom-
mended PCB layout.
The maximum tolerance for the matching components
should be ±5% for the inductor and ±0.2 pF for the
capacitor. The inductor should be of the high Q type (e.g.,
Murata LQW15AN5N1D00D).
Figure 1. Typical Application.
System Ant
5.1 nH
1.0 pF
Ant
Cell Tx
PCS Rx
Port 4
Port 1
Port 3
Cell Rx
Port 5
PCS Tx
Port 2


Similar Part No. - ACFM-7107-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
More results

Similar Description - ACFM-7107-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7110 AVAGO-ACFM-7110 Datasheet
313Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7325 AVAGO-ACFM-7325 Datasheet
505Kb / 19P
   Band Class 10 Cellular Band Quadplexer
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-2113 BOARDCOM-ACFM-2113 Datasheet
334Kb / 2P
   Band 1/Band 3 Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com