Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A9PS-021 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A9PS-021
Description  Ultra subminiature Pushbutton Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A9PS-021 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A9PS-021 Datasheet HTML 1Page - Omron Electronics LLC A9PS-021 Datasheet HTML 2Page - Omron Electronics LLC A9PS-021 Datasheet HTML 3Page - Omron Electronics LLC A9PS-021 Datasheet HTML 4Page - Omron Electronics LLC A9PS-021 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
A9PS
Ultra subminiature Pushbutton Switch
Ultra subminiature size.
Gold-plated clip contact ensure high reliability.
The sealed bottom prevents flux penetration.
Washable, equivalent to IP64 (IEC-60529).
A9PS is smaller than A9P.
Height: A9P 13.3mm, A9PS 10.5mm (30% smaller than A9P)
Ordering Information
Note:
(ON) shows Momentary.
Caps
Available wide range og colors.
Dimension with the cap.
RoHS Compliant
Terminal Shape
DIP Terminal
Right Angle Terminal
Vertical Mount Terminal
Switching Functions
SPST
DPST
SPST
DPST
SPST
DPST
OFF
(ON)
A9PS16-0011
A9PS26-0011
A9PS16-0012
A9PS26-0012
A9PS16-0013
A9PS26-0013
Quantity per tray
100
25
50
Colors
White
Black
Blue
Green
Yellow
Red
Models
A9PS-011
A9PS-021
A9PS-041
A9PS-051
A9PS-061
A9PS-071
Dimension
Security Control Boards
Electric Power Instrumentation
Program Controllers
Typical Applications
4 dia.
2.4
2.4
4 dia.
3.8


Similar Part No. - A9PS-021

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9PS-021 OMRON-A9PS-021 Datasheet
632Kb / 4P
   Ultra subminiature Pushbutton Switch
More results

Similar Description - A9PS-021

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9PS OMRON-A9PS Datasheet
632Kb / 4P
   Ultra subminiature Pushbutton Switch
logo
Copal Electronics
APE1F-5M-10-2-Z COPAL-APE1F-5M-10-2-Z Datasheet
611Kb / 1P
   Subminiature Pushbutton
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2A OMRON-D2A Datasheet
477Kb / 3P
   Ultra Subminiature Detection Switch
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com