Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600F180FT250XT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 600F180FT250XT
Description  Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600F180FT250XT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  600F180FT250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers 600F180FT250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers 600F180FT250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers 600F180FT250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers 600F180FT250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
600 F ESR vs Frequency
0.010
0.100
1.000
100
1000
10000
Frequency (MHz)
1.0 pF
3.3 pF
3.9 pF
10 pF
15 pF
47 pF
120 pF
180 pF
(Typical)
0
1
0
1
0
0
1
0
.
0
0
0
1
0
.
0
0
1
0
.
0
1
0
.
1
1
.
0
r
p
F
r
s
F
)
l
a
c
i
p
y
T
(
600 F Resonant Frequency Data
Capacitance (pF)
ATC 600F Series Data Sheet Test Condition Description
Capacitors horizontally mounted on 23.3-mil thick Rogers RO4350
® softboard, 52-mil wide, 1/2 oz. Cu traces.
FSR = lowest frequency at which S11 response, referenced at capacitor edge, crosses real axis on Smith Chart.
FPR = lowest frequency at which there is a notch in S21 magnitude response.
ATC 600F Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
3


Similar Part No. - 600F180FT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
600F100FW250XT NXP-600F100FW250XT Datasheet
313Kb / 13P
   Airfast RF Power LDMOS Transistor
Rev. 0-December 2020
logo
List of Unclassifed Man...
600F100JT250XT ETC2-600F100JT250XT Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
NXP Semiconductors
600F100JT250XT NXP-600F100JT250XT Datasheet
221Kb / 10P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
600F100JT250XT NXP-600F100JT250XT Datasheet
628Kb / 15P
   RF LDMOS Wideband Integrated Power Amplifiers
600F100JT250XT NXP-600F100JT250XT Datasheet
207Kb / 13P
   Airfast RF Power GaN Transistor
Rev. 2 - November 2022
More results

Similar Description - 600F180FT250XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S120GT250XT ETC2-600S120GT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
Kemet Corporation
CBR05C470JAGAC KEMET-CBR05C470JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com