Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600F1R5AT250XT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 600F1R5AT250XT
Description  Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600F1R5AT250XT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  600F1R5AT250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers 600F1R5AT250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers 600F1R5AT250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers 600F1R5AT250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers 600F1R5AT250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ATC 600F Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
Capacitance Values*
*Non-standard values and custom tolerances are available upon request.
For additional information and catalogs contact your ATC representative
or call direct at (+1-631) 622-4700.
Consult factory for 500 piece reels for prototyping.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the
“ATC” prefix. Both methods of defining the part number are equivalent,
i.e., part numbers referenced with the “ATC” prefix are interchangeable to
parts referenced without the “ATC” prefix. Customers are free to use either
in specifying or procuring parts from American Technical Ceramics.
ATC Part Number Code
600
F 10 0
J
T
250 X
T
ATC Series
Case Size (0805)
Capacitance Code:
First 2 significant digits for capacitance.R=Decimal Point
Indicates number of zeros following digits
of capacitance in picofarads except for decimal values.
Capacitance Tolerance
*4,000 pieces on 7'' reel and 500 pieces on prototype reel. Consult ATC for other options.
The above part number refers to a 600F Series (case size F) 10 pF capacitor, J tolerance (±5%), 250 WVDC, with T termination (Tin Plated over Nickel
Barrier, RoHS Compliant), Laser Marking and Tape and Reel packaging.
**Marking is optional.
Packaging
T - Tape and Reel (Standard)
*
TV - Vertical Tape and Reel (Optional)
TOLERANCE CODE TABLE
Code
B
C
D
F
G
J
K
M
Tol.
±0.1 pF ±0.25 pF ±0.5 pF ±1%
±2% ±5% ±10% ±20%
A
±0.05pF
Laser Marked
**
Value (pF) Cap Code Marking Tolerances
0.1
0R1
A9
A, B
0.2
0R2
H9
A, B
0.3
0R3
M9
A, B, C
0.4
0R4
d9
A, B, C
0.5
0R5
f9
A, B, C
0.6
0R6
m9
A, B, C
0.7
0R7
n9
A, B, C
0.8
0R8
t9
A, B, C
0.9
0R9
y9
A, B, C
1.0
1R0
A0
A, B, C, D
1.1
1R1
B0
A, B, C, D
1.2
1R2
C0
A, B, C, D
1.3
1R3
D0
A, B, C, D
1.5
1R5
E0
A, B, C, D
1.6
1R6
F0
A, B, C, D
1.8
1R8
G0
A, B, C, D
2.0
2R0
H0
A, B, C, D
2.2
2R2
J0
A, B, C, D
2.4
2R4
K0
A, B, C, D
2.7
2R7
L0
A, B, C, D
3.0
3R0
M0
A, B, C, D
Value (pF) Cap Code Marking Tolerances
3.3
3R3
N0
A, B, C, D
3.6
3R6
P0
A, B, C, D
3.9
3R9
Q0
A, B, C, D
4.3
4R3
R0
A, B, C, D
4.7
4R7
S0
A, B, C, D
5.1
5R1
T0
A, B, C, D
5.6
5R6
U0
A, B, C, D
6.2
6R2
V0
A, B, C, D
6.8
6R8
W0
B, C, J, K
7.5
7R5
X0
B, C, J, K
8.2
8R2
Y0
B, C, J, K
9.1
9R1
Z0
B, C, J, K
10
100
A1
F, G, J, K, M
11
110
B1
F, G, J, K, M
12
120
C1
F, G, J, K, M
15
150
E1
F, G, J, K, M
18
180
G1
F, G, J, K, M
20
200
H1
F, G, J, K, M
22
220
J1
F, G, J, K, M
24
240
K1
F, G, J, K, M
27
270
L1
F, G, J, K, M
Value (pF) Cap Code Marking Tolerances
30
300
M1
F, G, J, K, M
33
330
N1
F, G, J, K, M
36
360
P1
F, G, J, K, M
39
390
Q1
F, G, J, K, M
43
430
R1
F, G, J, K, M
47
470
S1
F, G, J, K, M
51
510
T1
F, G, J, K, M
56
560
U1
F, G, J, K, M
62
620
V1
F, G, J, K, M
68
680
W1
F, G, J, K, M
75
750
X1
F, G, J, K, M
82
820
Y1
F, G, J, K, M
91
910
Z1
F, G, J, K, M
100
101
A2
F, G, J, K, M
110
111
B2
F, G, J, K, M
120
121
C2
F, G, J, K, M
150
151
E2
F, G, J, K, M
180
181
G2
F, G, J, K, M
200
201
H2
F, G, J, K, M
220
221
J2
F, G, J, K, M
240
241
K2
F, G, J, K, M
WVDC
Termination Code
T
= Tin Plated over Nickel Barrier (Stan-
dard) RoHS Compliant
TN = Tin Plated over Non-Magnetic Barrier
W = Tin/Lead Solder Plated over Nickel
Barrier
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
2


Similar Part No. - 600F1R5AT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
600F1R5BT250XT NXP-600F1R5BT250XT Datasheet
221Kb / 8P
   RF Power GaN Transistor
600F1R5BT250XT NXP-600F1R5BT250XT Datasheet
628Kb / 15P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - 600F1R5AT250XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S120GT250XT ETC2-600S120GT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
Kemet Corporation
CBR05C470JAGAC KEMET-CBR05C470JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com