Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6943R10KA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6943R10KA
Description  Isolated, bussed and other circuits Thin film resistor network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6943R10KA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6943R10KA Datasheet HTML 1Page - List of Unclassifed Manufacturers 6943R10KA Datasheet HTML 2Page - List of Unclassifed Manufacturers 6943R10KA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
694, 698,
694, 698,
694, 698,
694, 698, 699
699
699
699
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 3 of 3
BI technologies
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
5
5
5
5
RESISTANCE VALUE
RESISTANCE VALUE
RESISTANCE VALUE
RESISTANCE VALUE
5
5
5
5
Standard values follow E96 table. Character “K” denotes a multiplier of 1000.
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE CODE
CODE
CODE
CODE
Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
±0.1
±0.1
±0.5
±1.0
Ratio Tolerances (R1 Ref) (%)
±0.05
±0.1
±0.1
±1.0
PACKAGING OPTIONS (U
PACKAGING OPTIONS (U
PACKAGING OPTIONS (U
PACKAGING OPTIONS (UNIT COUNT/TUBE)
NIT COUNT/TUBE)
NIT COUNT/TUBE)
NIT COUNT/TUBE)
Model + Pin count
694
100
699
50
698
50
TYPICAL MARKING
TYPICAL MARKING
TYPICAL MARKING
TYPICAL MARKING
5
Consult customer service for custom designs and features.
69 4 -3-R10K A LF
Model Series:
69 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
9=14 leads
8=16 leads
Lead Finish:
No Code = SnPb
LF = Lead free (RoHS)
Tolerance Code
Resistance Value
Circuit Type:
1=Bussed
3=Isolated
6=Binary (Only available as 694 model with B tolerance)
7=Decade (Only available as 694 model with B tolerance)


Similar Part No. - 6943R10KA

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6943R10KB BITECH-6943R10KB Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
More results

Similar Description - 6943R10KA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
logo
Bi technologies
SQS16AXXXXFSLF13 BITECH-SQS16AXXXXFSLF13 Datasheet
104Kb / 3P
   Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
Bi technologies
694 BITECH-694_12 Datasheet
251Kb / 3P
   Isolated, bussed and other circuits
logo
List of Unclassifed Man...
668-A-1001F ETC-668-A-1001F Datasheet
135Kb / 3P
   Isolated and bussed circuits Thin film resistor network 0.150??SOIC packages RoHS compliant available
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
   Isolated and bussed circuits
logo
List of Unclassifed Man...
664-A-5002B ETC2-664-A-5002B Datasheet
135Kb / 3P
   Isolated and bussed circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com