Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH3NPN1R0NJ0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN1R0NJ0
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN1R0NJ0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN1R0NJ0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN1R0NJ0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.5.12
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
3.0
±0.2
0.9
±0.2
0.9
±0.2
(in mm)
3.0
±0.2
Polarity Marking
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP_J0 Series (1212 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
1000
K
330mm Embossed Tape
5000
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH3NPN1R0NJ0p
1.0
µH±30%
1650mA
1620mA
0.040ohm
±20%
140MHz
LQH3NPN1R5NJ0p
1.5
µH±30%
1200mA
1500mA
0.055ohm
±20%
90MHz
LQH3NPN2R2MJ0p
2.2
µH±20%
1150mA
1460mA
0.069ohm
±20%
90MHz
LQH3NPN2R2NJ0p
2.2
µH±30%
1150mA
1460mA
0.069ohm
±20%
90MHz
LQH3NPN3R3MJ0p
3.3
µH±20%
950mA
1270mA
0.105ohm
±20%
70MHz
LQH3NPN3R3NJ0p
3.3
µH±30%
950mA
1270mA
0.105ohm
±20%
70MHz
LQH3NPN4R7MJ0p
4.7
µH±20%
780mA
1120mA
0.130ohm
±20%
65MHz
LQH3NPN4R7NJ0p
4.7
µH±30%
780mA
1120mA
0.130ohm
±20%
65MHz
LQH3NPN6R8MJ0p
6.8
µH±20%
700mA
850mA
0.210ohm
±20%
45MHz
LQH3NPN6R8NJ0p
6.8
µH±30%
700mA
850mA
0.210ohm
±20%
45MHz
LQH3NPN100MJ0p
10
µH±20%
560mA
710mA
0.300ohm
±20%
35MHz
LQH3NPN100NJ0p
10
µH±30%
560mA
710mA
0.300ohm
±20%
35MHz
LQH3NPN150MJ0p
15
µH±20%
440mA
590mA
0.440ohm
±20%
30MHz
LQH3NPN150NJ0p
15
µH±30%
440mA
590mA
0.440ohm
±20%
30MHz
LQH3NPN220MJ0p
22
µH±20%
350mA
510mA
0.600ohm
±20%
25MHz
LQH3NPN220NJ0p
22
µH±30%
350mA
510mA
0.600ohm
±20%
25MHz
LQH3NPN330MJ0p
33
µH±20%
280mA
410mA
0.900ohm
±20%
20MHz
LQH3NPN330NJ0p
33
µH±30%
280mA
410mA
0.900ohm
±20%
20MHz
LQH3NPN470MJ0p
47
µH±20%
200mA
350mA
1.30ohm
±20%
15MHz
LQH3NPN470NJ0p
47
µH±30%
200mA
350mA
1.30ohm
±20%
15MHz
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40 to +125
°C
Operating Temperature Range (Self-temperature rise is not included): -40 to +85
°C
Only for reflow soldering.
*1 When Rated Current is applied to the Products, Inductance will be within
±30% of nominal Inductance value.
*2 When Rated Current is applied to the Products, self-generation of heat will rise to 40
°C or less.
Continued on the following page.


Similar Part No. - LQH3NPN1R0NJ0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LQH3NPN1R0NJ0 TI1-LQH3NPN1R0NJ0 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Murata Manufacturing Co...
LQH3NPN1R0NJ0 MURATA-LQH3NPN1R0NJ0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN1R0NJ0 MURATA-LQH3NPN1R0NJ0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
Texas Instruments
LQH3NPN1R0NJ0L TI-LQH3NPN1R0NJ0L Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
Murata Manufacturing Co...
LQH3NPN1R0NJ0p MURATA-LQH3NPN1R0NJ0p Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results

Similar Description - LQH3NPN1R0NJ0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com