Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600F151JT250XT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 600F151JT250XT
Description  Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600F151JT250XT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  600F151JT250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers 600F151JT250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers 600F151JT250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers 600F151JT250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers 600F151JT250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale(ATC document #001-992 Rev. B 12/05). Copies
of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and
Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties which
may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2002 American Technical Ceramics Corp. All Rights Reserved.
ATC 001-956 Rev. M; 12/09
Design Kits Each Kit contains a selection of standard capacitor values for circuit prototyping.
For Online Kit Orders, Catalog & Application Notes, Visit: www.atceramics.com
Price
Kit #
Cap. Value
Range (pF)
Cap. Values
(pF)
Description
Kit
32T
0.1 to 2.0
0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9,
1.0, 1.1, 1.2, 1.5
$90.00
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per valuE
Kit
33T
1.0 to 10
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3
3.9, 4.7, 5.6, 6.8, 8.2
10
$90.00
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
34T
10 to 100
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
35T
100 to 240
100, 120, 150, 180, 200, 220, 240
600F Series Ultra-low ESR,
High Q Microwave Capacitors
7 different values, 15 pcs. min. per value
Item #
DK0032T
DK0033T
DK0034T
DK0035T
10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39,
47, 56, 68, 82, 100
±0.1
Tol.
(pF)
1.6, 1.8, 2.0
±0.25
±0.1
±0.25
±5%
$90.00
$50.00
±5%
±5%
ATC 600F Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
Suggested Mounting Pad Dimensions
Vertical
ElectrodeOrientation
Horizontal
ElectrodeOrientation
B
A
C
D
B
Inches(mm)
0402(1005)
AMin. BMin. CMin. DMin.
CaseSize
0603 (1608)
0805 (2012)
.1259
(3.20)
.110
(2.80)
.0866
(2.20)
.0157
(0.40)
.0275
(0.70)
.0393
(1.00)
.0590
(1.50)
.0354
(0.90)
.0433
(1.10)
.0512
(1.30)
.0236
(0.60)
.0236
(0.60)
CaseSizesL,SandF
T
W
T
W
L
L
Y
L
T
W
F (0805)
Outline Dimensions
L: .079 ± .008 (2.01 ± 0.20)
W: .049 ± .008 (1.24 ± 0.20)
T: .051 max. (1.30 max.)
Y: .020 ± 0.01 (0.51 ± 0.25)
Inches (mm)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
4


Similar Part No. - 600F151JT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
600F151JT250XT NXP-600F151JT250XT Datasheet
195Kb / 13P
   Airfast RF Power LDMOS Transistor
Rev. 0 - November 2022
More results

Similar Description - 600F151JT250XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S120GT250XT ETC2-600S120GT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
Kemet Corporation
CBR05C470JAGAC KEMET-CBR05C470JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com