Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051T613 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051T613
Description  Mixed-Signal Byte-Programmable EPROM MCU
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T613 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051T613 Datasheet HTML 1Page - Silicon Laboratories C8051T613 Datasheet HTML 2Page - Silicon Laboratories C8051T613 Datasheet HTML 3Page - Silicon Laboratories C8051T613 Datasheet HTML 4Page - Silicon Laboratories C8051T613 Datasheet HTML 5Page - Silicon Laboratories C8051T613 Datasheet HTML 6Page - Silicon Laboratories C8051T613 Datasheet HTML 7Page - Silicon Laboratories C8051T613 Datasheet HTML 8Page - Silicon Laboratories C8051T613 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 219 page
background image
Mixed-Signal Byte-Programmable EPROM MCU
C8051T610/1/2/3/4/5/6/7
Rev 1.1 6/11
Copyright © 2011 by Silicon Laboratories
C8051T610/1/2/3/4/5/6/7
Analog Peripherals
-
10-Bit ADC (‘T610/1/2/3/6 only)
Up to 500 ksps
Up to 21, 17, or 13 external inputs
VREF from external pin, Internal Regulator or VDD
Internal or external start of conversion source
Built-in temperature sensor
-
Comparators
Programmable hysteresis and response time
Configurable as interrupt sources
Configurable as reset source (Comparator 0)
Low current (<0.5 µA)
On-Chip Debug
-
C8051F310 can be used as code development
platform; Complete development kit available
-
On-chip debug circuitry facilitates full speed,
non-intrusive in-system debug
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
Supply Voltage 1.8 to 3.6 V
-
On-chip LDO for internal core supply
-
Built-in voltage supply monitor
Memory
-
1280 Bytes internal data RAM (256 + 1024)
-
16 or 8 kB byte-programmable EPROM code mem-
ory
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Digital Peripherals
-
29/25/21 Port I/O with high sink current capability
-
Hardware enhanced UART, SMBus™, and
enhanced SPI™ serial ports
-
Four general purpose 16-bit counter/timers
-
16-Bit programmable counter array (PCA) with five
capture/compare modules and PWM functionality
Clock Sources
-
Internal oscillator: 24.5 MHz with ±2% accuracy
supports crystal-less UART operation
-
External oscillator: RC, C, or CMOS Clock
-
Can switch between clock sources on-the-fly; useful
in power saving modes
Packages
-
32-pin LQFP (C8051T610/2/4)
-
28-pin QFN (C8051T611/3/5)
-
24-pin QFN (C8051T616/7)
ANALOG
PERIPHERALS
10-bit
500 ksps
ADC
16 kB/8 kB
EPROM
1280 B
SRAM
POR
DEBUG
CIRCUITRY
14
INTERRUPTS
8051 CPU
(25MIPS)
TEMP
SENSOR
DIGITAL I/O
PROGRAMMABLE PRECISION INTERNAL
OSCILLATOR
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATORS
+
-
WDT
Port 0
+
-
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 1
Port 2
Port 3
SPI
C8051T610/1/2/3/6 only


Similar Part No. - C8051T613

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T613 SILABS-C8051T613 Datasheet
93Kb / 2P
   Description of Change: Silicon Labs is pleased to announce rev 1.1 Datasheet
C8051T613 SILABS-C8051T613 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
More results

Similar Description - C8051T613

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T630 SILABS-C8051T630 Datasheet
1Mb / 221P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051F336 SILABS-C8051F336_08 Datasheet
1Mb / 227P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_V01 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
C8051T600 SILABS-C8051T600_09 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T600 SILABS-C8051T600 Datasheet
1Mb / 168P
   Mixed Signal OTP EPROM MCU Family
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
   Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
logo
Silicon Laboratories
C8051F330-GMR SILABS-C8051F330-GMR Datasheet
1Mb / 210P
   Mixed-Signal ISP Flash MCU
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
   Programmable Mixed Signal Matrix
March 9, 2023
logo
Silicon Laboratories
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com