Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F902-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F902-GM
Description  Ultra-Low Power, High-Performance MCU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F902-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F902-GM Datasheet HTML 1Page - Silicon Laboratories C8051F902-GM Datasheet HTML 2Page - Silicon Laboratories C8051F902-GM Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low-Voltage/Low-Power
Copyright © 2009 by Silicon Laboratories
10.1.2009
Port 0
Drivers
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
P0.0/VREF
P0.1/AGND
P0.2/XTAL1/RTCOUT
P0.3/XTAL2/WAKEOUT
P0.4/TX
P0.5/RX
P0.6/CNVSTR
P0.7/IREF0
Crossbar Control
Port I/O Configuration
CIP-51 8051
Controller Core
16k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
512 Byte XRAM
Port 1
Drivers
P1.0/SCK1
P1.1/MISO1
P1.2/MOSI1
P1.3/NSS1
P1.4
P1.5
Port 2
Drivers
SPI 0,1
Analog Peripherals
Comparators
+
-
Power Net
VDD/DC+
GND/DC-
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
12-bit
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
XTAL2
Low Power
20 MHz
Oscillator
6-bit
IREF
VREF
GND
P1.6
IREF0
CP0, CP0A
P2.7/C2D
+
-
CP1, CP1A
smaRTClock
Oscillator
XTAL3
XTAL4
DC/DC
Converter
VBAT
GND
VREG
Digital
Power
Analog
Power
CRC
Engine
DCEN
C8051F912
Ultra-Low Power, High-Performance MCU
Ultra-Low Power
- 160 µA/MHz active current from 1.8–3.6 V @ 25 MHz
- 10 nA sleep current with data retention; BOD disabled
- 50 nA sleep current with data retention; BOD enabled
- 300 nA sleep current with smaRTClock (internal oscillator)
- 600 nA sleep current with smaRTClock (external crystal)
- 2 µs wake up from sleep
- 1.5 µs analog settling time
Supply Voltage: 0.9 to 3.6 V
- One-cell mode supports 0.9–3.6 V operation; bypass feature
automatically shuts off the dc-dc converter when not needed
- Two-cell mode supports 1.8–3.6 V operation
- Built-in dc-dc converter with 1.8 –3.3 V output (65 mW max) for
use in one-cell mode; can supply external devices
12-Bit Analog to Digital Converter
- Up to 75 ksps 12-bit mode or 300 ksps 10-bit mode
- Up to 15 external inputs
- External pin or internal VREF (no external capacitor required)
- On-chip PGA allows measuring voltages up to twice the 
reference voltage
- Autonomous Burst Mode with 16-bit automatic averaging 
accumulator
- Built-in temperature sensor
Two Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current (400 nA typical)
- Up to 15 Capacitive Touch Sense inputs
Internal 6-Bit Current Reference
- Up to ±500 µA; source and sink capability
- Enhanced resolution via PWM interpolation
Development Kit: C8051F912DK
High-Speed 8051 µC Core
- Pipe-lined instruction architecture; executes 70% of instructions
in 1 or 2 system clocks
- 25 MIPS peak throughput with 25 MHz clock
- Expanded interrupt handler
Memory
- 768 bytes internal data RAM (256 + 512)
- 16 kB Flash; In-system programmable; Full read/write/erase
functionality over the entire supply range
Digital Peripherals
- 16 port I/O; All 5 V tolerant with programmable drive strength
- Hardware enhanced UART, 2 SPI and SMBus™ serial ports
available concurrently
- Low power 32-bit smaRTClock operates down to 0.9 V
- Four general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with six capture/com-
pare modules and watchdog timer
Clock Sources
- Precision internal oscillators: 24.5 MHz with ±2% accuracy sup-
ports UART operation; spread-spectrum mode for reduced EMI
- Low power internal oscillator: 20 MHz
- External oscillator: Crystal, RC, C, CMOS clock
- smaRTClock oscillator: 32.768 kHz crystal or 16.4 kHz LFO
- Can switch between clock sources on-the-fly; useful in power
saving modes
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
- Provides 4 breakpoints, single stepping
Package Options
- 24-pin QFN (4x4 mm), RoHS compliant
- 24-pin QSOP (easy to hand solder), RoHS compliant
Temperature Range: –40 to +85 °C


Similar Part No. - C8051F902-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F902-GM SILABS-C8051F902-GM Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
More results

Similar Description - C8051F902-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
Axiomtek Co., Ltd.
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
   Ultra low power and high performance
NA-812A AXIOMTEK-NA-812A Datasheet
316Kb / 1P
   Ultra low power and high performance
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
   Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
STMicroelectronics
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
logo
Silicon Laboratories
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com