Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV756DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV756DW
Description  QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV756DW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV756DW Datasheet HTML 1Page - Diodes Incorporated BAV756DW Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30148 Rev. B-1
1 of 2
BAV756DW
BAV756DW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
·
Case: SOT-363, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: KCA
·
Weight: 0.006 grams (approx.)
Mechanical Data
A
M
J
L
F
D
B C
H
K
C1
A2
A1
A1
C2
C2
KXX
C1
A1
C2
A1
C2
A2
Features
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.80
2.20
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
·
One BAV70 Circuit and One BAW56 Circuit In
One Package
·
Easily Connected As F.W. Bridge
Characteristic
Symbol
BAV756DW
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
K/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings@ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that terminals are kept at ambient temperature.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage
VFM
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Maximum Peak Reverse Current
IRM
¾
2.5
50
30
25
mA
mA
mA
nA
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 20V
Junction Capacitance
Cj
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
Marking
Indicates
Orientation


Similar Part No. - BAV756DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAV756DW WEITRON-BAV756DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
DONGGUAN YOU FENG WEI E...
BAV756DW YFWDIODE-BAV756DW Datasheet
378Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
353Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAV756DW KEXIN-BAV756DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
126Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 9 - 2 April 2008
More results

Similar Description - BAV756DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
BAW567DW DIODES-BAW567DW_1 Datasheet
355Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30147 Rev. 8 - 2
BAV99BRW DIODES-BAV99BRW Datasheet
61Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. C-1
logo
Guangdong Kexin Industr...
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAW567DW DIODES-BAW567DW_15 Datasheet
125Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Pan Jit International I...
BAV99BRW PANJIT-BAV99BRW_16 Datasheet
166Kb / 5P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_1 Datasheet
355Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV756DW DIODES-BAV756DW_1 Datasheet
353Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
KAV70DW KEXIN-KAV70DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
KAV99DW KEXIN-KAV99DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com