Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F536-C-IM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F536-C-IM
Description  8/4/2 kB ISP Flash MCU Family
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F536-C-IM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F536-C-IM Datasheet HTML 7Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 8Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 9Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 10Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 11Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 12Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 13Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 14Page - Silicon Laboratories C8051F536-C-IM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 221 page
background image
Rev. 1.4
11
C8051F52x/F53x
SFR Definition 13.13. P0SKIP: Port0 Skip .................................................................. 134
SFR Definition 13.14. P1MAT: Port1 Match ............................................................... 134
SFR Definition 13.15. P1MASK: Port1 Mask .............................................................. 134
SFR Definition 14.1. OSCICN: Internal Oscillator Control .......................................... 137
SFR Definition 14.2. OSCICL: Internal Oscillator Calibration ..................................... 138
SFR Definition 14.3. OSCIFIN: Internal Fine Oscillator Calibration ............................ 138
SFR Definition 14.4. OSCXCN: External Oscillator Control ........................................ 142
SFR Definition 14.5. CLKSEL: Clock Select ............................................................... 143
SFR Definition 15.1. SCON0: Serial Port 0 Control .................................................... 149
SFR Definition 15.2. SBUF0: Serial (UART0) Port Data Buffer .................................. 150
SFR Definition 16.1. SPI0CFG: SPI0 Configuration ................................................... 157
SFR Definition 16.2. SPI0CN: SPI0 Control ............................................................... 158
SFR Definition 16.3. SPI0CKR: SPI0 Clock Rate ....................................................... 159
SFR Definition 16.4. SPI0DAT: SPI0 Data ................................................................. 160
SFR Definition 17.1. LINADDR: Indirect Address Register ......................................... 172
SFR Definition 17.2. LINDATA: LIN Data Register ..................................................... 172
SFR Definition 17.3. LINCF Control Mode Register ................................................... 173
SFR Definition 17.4. LIN0DT1: LIN0 Data Byte 1 ....................................................... 174
SFR Definition 17.5. LIN0DT2: LIN0 Data Byte 2 ....................................................... 175
SFR Definition 17.6. LIN0DT3: LIN0 Data Byte 3 ....................................................... 175
SFR Definition 17.7. LIN0DT4: LIN0 Data Byte 4 ....................................................... 175
SFR Definition 17.8. LIN0DT5: LIN0 Data Byte 5 ....................................................... 176
SFR Definition 17.9. LIN0DT6: LIN0 Data Byte 6 ....................................................... 176
SFR Definition 17.10. LIN0DT7: LIN0 Data Byte 7 ..................................................... 176
SFR Definition 17.11. LIN0DT8: LIN0 Data Byte 8 ..................................................... 176
SFR Definition 17.12. LIN0CTRL: LIN0 Control Register ........................................... 177
SFR Definition 17.13. LIN0ST: LIN0 STATUS Register ............................................. 178
SFR Definition 17.14. LIN0ERR: LIN0 ERROR Register ............................................ 179
SFR Definition 17.15. LIN0SIZE: LIN0 Message Size Register .................................. 180
SFR Definition 17.16. LIN0DIV: LIN0 Divider Register ............................................... 180
SFR Definition 17.17. LIN0MUL: LIN0 Multiplier Register .......................................... 181
SFR Definition 17.18. LIN0ID: LIN0 ID Register ......................................................... 181
SFR Definition 18.1. TCON: Timer Control ................................................................. 186
SFR Definition 18.2. TMOD: Timer Mode ................................................................... 187
SFR Definition 18.3. CKCON: Clock Control .............................................................. 188
SFR Definition 18.4. TL0: Timer 0 Low Byte ............................................................... 189
SFR Definition 18.5. TL1: Timer 1 Low Byte ............................................................... 189
SFR Definition 18.6. TH0: Timer 0 High Byte ............................................................. 189
SFR Definition 18.7. TH1: Timer 1 High Byte ............................................................. 189
SFR Definition 18.8. TMR2CN: Timer 2 Control ......................................................... 193
SFR Definition 18.9. TMR2RLL: Timer 2 Reload Register Low Byte .......................... 194
SFR Definition 18.10. TMR2RLH: Timer 2 Reload Register High Byte ...................... 194
SFR Definition 18.11. TMR2L: Timer 2 Low Byte ....................................................... 194
SFR Definition 18.12. TMR2H Timer 2 High Byte ....................................................... 194
SFR Definition 19.1. PCA0CN: PCA Control .............................................................. 206


Similar Part No. - C8051F536-C-IM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F536-IM SILABS-C8051F536-IM Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IM SILABS-C8051F536-IM Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IT SILABS-C8051F536-IT Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IT SILABS-C8051F536-IT Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results

Similar Description - C8051F536-C-IM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F2XX SILABS-C8051F2XX Datasheet
1Mb / 146P
   Mixed Signal 8 kB ISP Flash MCU Family
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
   8 k ISP Flash MCU Family
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com